| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5675K Fiches technique(PDF) 29 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5675K Fiches technique(HTML) 29 Page - Freescale Semiconductor, Inc |
|
29 / 140 page ![]() Package pinouts and signal descriptions MPC5675K Microcontroller Data Sheet, Rev. 4 Preliminary—Subject to Change Without Notice Freescale Semiconductor 29 2.2.3 System pins Table 7 shows the system pins for the MPC5675K in the 257 MAPBGA package. Table 8 shows the system pins for the MPC5675K in the 473 MAPBGA package. Table 7. 257 MAPBGA system pins Ball Number Ball Name Weak pull during reset Safe Mode default condition Pad Type Power Domain C4 FCCU_F[1] disabled not available GP Slow/Medium VDD_HV_IO C10 JCOMP pull down not available GP Slow VDD_HV_IO E1 Nexus MDO[0]1 NOTES: 1 Do not connect pin directly to a power supply or ground. — not available GP Slow/Fast VDD_HV_IO E4 NMI pull up not available GP Slow VDD_HV_IO L15 TCK pull up not available GP Slow VDD_HV_IO M16 TMS pull up not available GP Slow VDD_HV_IO N1 XTALIN — not available Analog Feedthrough VDD_HV_IO P2 RESET pull down not available Reset VDD_HV_IO R1 XTALOUT — not available Analog Feedthrough VDD_HV_IO R2 FCCU_F[0] disabled not available GP Slow/Medium VDD_HV_IO R13 VREG_CTRL —— Analog Feedthrough VDD_REG U12 VREG_INT_ENABLE —— Analog Feedthrough VDD_HV_IO U13 RESET_SUP pull down — Analog Feedthrough VDD_HV_IO Table 8. 473 MAPBGA system pins Ball Number Ball Name Weak pull during reset Safe Mode default condition Pad Type Power Domain C4 FCCU_F[1] disabled not available GP Slow/Medium VDD_HV_IO D10 JCOMP pull down not available GP Slow VDD_HV_IO E1 Nexus MDO[0]1 NOTES: 1 Do not connect pin directly to a power supply or ground. — not available GP Slow/Fast VDD_HV_IO E4 NMI pull up not available GP Slow VDD_HV_IO R23 dramc CLKB — — DRAM CLK VDD_HV_DRAM T23 dramc CLK disabled — DRAM CLK VDD_HV_DRAM W1 XTALIN — not available Analog Feedthrough VDD_HV_IO Y2 RESET pull down not available Reset VDD_HV_IO Y19 TCK pull up not available GP Slow VDD_HV_IO AA1 XTALOUT — not available Analog Feedthrough VDD_HV_IO AA2 FCCU_F[0] disabled not available GP Slow/Medium VDD_HV_IO AB19 TMS pull up not available GP Slow VDD_HV_IO AC18 VREG_CTRL — — Analog Feedthrough VDD_REG AC20 RESET_SUP pull down — Analog Feedthrough VDD_HV_IO AC21 VREG_INT_ENABLE — — Analog Feedthrough VDD_HV_IO |