Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC5645B Fiches technique(PDF) 34 Page - Freescale Semiconductor, Inc

No de pièce MPC5645B
Description  Microcontroller 64 KB on-chip data flash memory to support EEPROM emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645B Fiches technique(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPC5645B Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 114 page
background image
MPC5646C Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
34
PJ[12]
PCR[156]
AF0
AF1
AF2
AF3
—
GPIO[156]
—
—
—
ADC1_S[11]
SIUL
—
—
—
ADC_1
I/O
—
—
—
I
STristate
—
59
T1
PJ[13]
PCR[157]
AF0
AF1
AF2
AF3
—
—
—
—
GPIO[157]
—
CS1_7
—
CAN4RX
ADC1_S[12]
CAN1RX
WKPU[31]
SIUL
—
DSPI_7
—
FlexCAN_4
ADC_1
FlexCAN_1
WKPU
I/O
—
O
—
I
I
I
I
STristate
—
65
N5
PJ[14]
PCR[158]
AF0
AF1
AF2
AF3
GPIO[158]
CAN1TX
CAN4TX
CS2_7
SIUL
FlexCAN_1
FlexCAN_4
DSPI_7
I/O
O
O
O
M/S
Tristate
—
64
T4
PJ[15]
PCR[159]
AF0
AF1
AF2
AF3
—
GPIO[159]
—
CS1_6
—
CAN1RX
SIUL
—
DSPI_6
—
FlexCAN_1
I/O
—
O
—
I
M/S
Tristate
—
63
R4
PK[0]
PCR[160]
AF0
AF1
AF2
AF3
GPIO[160]
CAN1TX
CS2_6
—
SIUL
FlexCAN_1
DSPI_6
—
I/O
O
O
—
M/S
Tristate
—
62
T3
PK[1]
PCR[161]
AF0
AF1
AF2
AF3
—
GPIO[161]
CS3_6
—
—
CAN4RX
SIUL
DSPI_6
—
—
FlexCAN_4
I/O
O
—
—
I
M/S
Tristate
—
41
H4
PK[2]
PCR[162]
AF0
AF1
AF2
AF3
GPIO[162]
CAN4TX
—
—
SIUL
FlexCAN_4
—
—
I/O
O
—
—
M/S
Tristate
—
42
L4
PK[3]
PCR[163]
AF0
AF1
AF2
AF3
—
—
GPIO[163]
E1UC[0]
—
—
CAN5RX
LIN8RX
SIUL
eMIOS_1
—
—
FlexCAN_5
LINFlexD_8
I/O
I/O
—
—
I
I
M/S
Tristate
—
43
N1
Table 4. Functional port pin descriptions (continued)
Port
pin
PCR
Function
Pin number