| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPIC30F2010 Fiches technique(PDF) 114 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2010 Fiches technique(HTML) 114 Page - Microchip Technology |
|
114 / 202 page ![]() dsPIC30F2010 DS70118J-page 114 © 2011 Microchip Technology Inc. 18.7 A/D Conversion Speeds The dsPIC30F 10-bit ADC specifications permit a max- imum 1 Msps sampling rate. Table 18-1 summarizes the conversion speeds for the dsPIC30F 10-bit ADC and the required operating conditions. The configuration guidelines give the required setup values for the conversion speeds above 500 ksps, since they require external VREF pins usage and there are some differences in the configuration procedure. Configuration details that are not critical to the conversion speed have been omitted. Figure 18-2 depicts the recommended circuit for the conversion rates above 500 ksps. FIGURE 18-2: ADC VOLTAGE REFERENCE SCHEMATIC VSS VDD VSS dsPIC30F2010 VDD VDD VDD VDD R2 10 C2 0.1 μF C1 0.01 μF R1 10 C8 1 μF VDD C5 1 μF VDD |