Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC30F2010 Fiches technique(PDF) 24 Page - Microchip Technology

No de pièce DSPIC30F2010
Description  16-bit Digital Signal Controllers
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 Fiches technique(HTML) 24 Page - Microchip Technology

Back Button DSPIC30F2010 Datasheet HTML 20Page - Microchip Technology DSPIC30F2010 Datasheet HTML 21Page - Microchip Technology DSPIC30F2010 Datasheet HTML 22Page - Microchip Technology DSPIC30F2010 Datasheet HTML 23Page - Microchip Technology DSPIC30F2010 Datasheet HTML 24Page - Microchip Technology DSPIC30F2010 Datasheet HTML 25Page - Microchip Technology DSPIC30F2010 Datasheet HTML 26Page - Microchip Technology DSPIC30F2010 Datasheet HTML 27Page - Microchip Technology DSPIC30F2010 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 202 page
background image
dsPIC30F2010
DS70118J-page 24
© 2011 Microchip Technology Inc.
FIGURE 3-6:
DATA SPACE MEMORY MAP
0x0000
0x07FE
0x08FE
0xFFFE
LSB
Address
16 bits
LSB
MSB
MSB
Address
0x0001
0x07FF
0x08FF
0xFFFF
0x8001
0x8000
Optionally
Mapped
into Program
Memory
0x09FF
0x0A00
0x0801
0x0800
0x0901
0x0900
Near
Data
SFR Space
512 bytes
SRAM Space
2560 bytes
Note:
Unimplemented SFR or SRAM locations read as ‘0’.
Space
Unimplemented (X)
X Data
SFR Space
X Data RAM (X)
Y Data RAM (Y)
(See Note)
256 bytes
256 bytes
(See Note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More