| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPIC30F2010 Fiches technique(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2010 Fiches technique(HTML) 7 Page - Microchip Technology |
|
7 / 202 page ![]() © 2011 Microchip Technology Inc. DS70118J-page 7 dsPIC30F2010 1.0 DEVICE OVERVIEW This document contains device specific information for the dsPIC30F2010 device. The dsPIC30F devices contain extensive Digital Signal Processor (DSP) functionality within a high-performance 16-bit microcontroller (MCU) architecture. Figure 1-1 shows a device block diagram for the dsPIC30F2010 device. Note: This data sheet summarizes features of this group of dsPIC30F devices and is not intended to be a complete reference source. For more information on the CPU, peripherals, register descriptions and general device functionality, refer to the “dsPIC30F Family Reference Manual” (DS70046). For more information on the device instruction set and programming, refer to the “16-bit MCU and DSC Pro- grammer’s Reference Manual” (DS70157). |