| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPIC30F2010 Fiches technique(PDF) 63 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2010 Fiches technique(HTML) 63 Page - Microchip Technology |
|
63 / 202 page ![]() © 2011 Microchip Technology Inc. DS70118J-page 63 dsPIC30F2010 FIGURE 10-2: 16-BIT TIMER2 BLOCK DIAGRAM (TYPE B TIMER) FIGURE 10-3: 16-BIT TIMER3 BLOCK DIAGRAM (TYPE C TIMER) TON Sync PR2 T2IF Equal Comparator x 16 TMR2 Reset Event Flag Q QD CK TGATE TCKPS<1:0> Prescaler 1, 8, 64, 256 2 TGATE TCY 1 0 1 X 0 1 0 0 Gate T2CK Sync TON PR3 T3IF Equal Comparator x 16 TMR3 Reset Event Flag Q Q D CK TGATE TCKPS<1:0> Prescaler 1, 8, 64, 256 2 TGATE TCY 1 0 1 X 0 1 0 0 ADC Event Trigger Sync See NOTE Note: The dsPIC30F2010 does not have an external pin input to TIMER3. The following modes should not be used: 1. TCS = 1 2. TCS = 0 and TGATE = 1 (gated time accumulation) |