Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MIC3385 Fiches technique(PDF) 3 Page - Micrel Semiconductor

No de pièce MIC3385
Description  8MHz Inductorless Buck Regulator with LDO Standby Mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3385 Fiches technique(HTML) 3 Page - Micrel Semiconductor

  MIC3385_10 Datasheet HTML 1Page - Micrel Semiconductor MIC3385_10 Datasheet HTML 2Page - Micrel Semiconductor MIC3385_10 Datasheet HTML 3Page - Micrel Semiconductor MIC3385_10 Datasheet HTML 4Page - Micrel Semiconductor MIC3385_10 Datasheet HTML 5Page - Micrel Semiconductor MIC3385_10 Datasheet HTML 6Page - Micrel Semiconductor MIC3385_10 Datasheet HTML 7Page - Micrel Semiconductor MIC3385_10 Datasheet HTML 8Page - Micrel Semiconductor MIC3385_10 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Micrel, Inc.
MIC3385
May 2010
3
M9999-051310-B
Absolute Maximum Ratings(1)
Supply Voltage (VIN).......................................................+6V
Output Switch Voltage (VSW). .........................................+6V
Output Switch Current (ISW)..............................................2A
Logic Input Voltage (VEN, VLOWQ)....................... –0.3V to VIN
Storage Temperature (Ts) .........................–60°C to +150°C
EDS Rating
(3).................................................................. 3kV
Operating Ratings(2)
Supply Voltage (VIN)..................................... +2.7V to +5.5V
Logic Input Voltage (VEN, VLOWQ)....................... –0.3V to VIN
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
3x3.5 MLF®-14 (
θJA)...........................................55°C/W
Electrical Characteristics(4)
VIN = VEN = VLOWQ =3.6V; L = 0.47µH; COUT = 10µF; TA = 25°C, unless noted. Bold values indicate –40°C< TJ < +125°C.
Parameter
Condition
Min.
Typ.
Max.
Units
Supply Voltage Range
2.7
5.5
V
Under-Voltage Lockout
Threshold
(turn-on)
2.45
2.55
2.65
V
UVLO Hysteresis
100
mV
Quiescent Current, PWM
mode
VFB = 0.9 * VNOM (not switching)
690
900
µA
Quiescent Current, LDO
mode
VLOWQ = 0V;IOUT = 0mA
16
29
µA
Shutdown Current
VEN = 0V
0.01
5
µA
[Adjustable] Feedback
Voltage
± 1%
± 2% (over temperature)
0.99
0.98
1
1.01
1.02
V
V
FB pin input current
1
nA
Current Limit in PWM Mode
VFB = 0.9 * VNOM
0.75
1
1.85
A
Output Voltage Line
Regulation
VOUT > 2V; VIN = VOUT+300mV to 5.5V; ILOAD= 100mA
VOUT < 2V; VIN = 2.7V to 5.5V; ILOAD= 100mA
0.13
%
Output Voltage Load
Regulation, PWM Mode
20mA < ILOAD < 300mA
0.2
%
Output Voltage Load
Regulation, LDO Mode
100µA < ILOAD < 50mA
VLOWQ = 0V
0.1
%
Maximum Duty Cycle
VFB ≤ 0.4V
100
%
PWM Switch
ON-Resistance
ISW = 50mA VFB = 0.7VFB_NOM (High Side Switch)
ISW = -50mA VFB = 1.1VFB_NOM (Low Side Switch)
0.4
0.4
Oscillator Frequency
7.2
8
8.8
MHz
LOWQ threshold voltage
0.5
0.85
1.3
V
LOWQ Input Current
0.1
2
µA
Enable Threshold
0.5
0.85
1.3
V
Enable Input Current
0.1
2
µA
LDO Dropout Voltage
IOUT = 50mA, Note 5
110
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com