Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MIC3385 Fiches technique(PDF) 2 Page - Micrel Semiconductor

No de pièce MIC3385
Description  8MHz Inductorless Buck Regulator with LDO Standby Mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3385 Fiches technique(HTML) 2 Page - Micrel Semiconductor

  MIC3385_10 Datasheet HTML 1Page - Micrel Semiconductor MIC3385_10 Datasheet HTML 2Page - Micrel Semiconductor MIC3385_10 Datasheet HTML 3Page - Micrel Semiconductor MIC3385_10 Datasheet HTML 4Page - Micrel Semiconductor MIC3385_10 Datasheet HTML 5Page - Micrel Semiconductor MIC3385_10 Datasheet HTML 6Page - Micrel Semiconductor MIC3385_10 Datasheet HTML 7Page - Micrel Semiconductor MIC3385_10 Datasheet HTML 8Page - Micrel Semiconductor MIC3385_10 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Micrel, Inc.
MIC3385
May 2010
2
M9999-051310-B
Ordering Information
Part Number
Voltage
Temperature Range
Package
Lead Finish
MIC3385YHL
Adj.
–40° to +125°C
14-Pin 3mm x 3.5mm MLF
®
Pb-free
MIC3385-1.5YHL
1.5V
–40° to +125°C
14-Pin 3mm x 3.5mm MLF
®
Pb-free
Notes:
1.
MLF® is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
2.
Other voltage options available. Please contact Micrel for details.
Pin Configuration
OUT
SW
7
3
LOWQ
EN
OUT
OUT
12 AVIN
GND
SW
SW
11
10
9
4
5
6
8
1
FB
VIN
14 BIAS
LDO
13
2
14- Pin 3mm x 3.5mm MLF
® (HL)
Pin Description
Pin Number
Pin Name
Pin Function
1
FB
Feedback. Input to the error amplifier. Connect to the external resistor divider network to set
the output voltage.
2
VIN
Supply Voltage (Input): Supply voltage for the internal switches and drivers.
3
LOWQ
Enable LDO Mode (Input): Logic low enables the internal LDO and disables the PWM
operation. Logic high enables the PWM mode and disables the LDO mode.
4
EN
Enable (Input). Logic low will shut down the device, reducing the quiescent current to less
than 5
μA.
5,6,7
OUT
Switch Output after inductor.
8,9,10
SW
Switch (Output): Internal power MOSFET output switches before Inductor
11
GND
Power Ground. Requires input capacitor to GND.
12
AVIN
Analog Supply Voltage (Input): Supply voltage for the analog control circuitry and LDO input
power. Requires bypass capacitor to GND.
13
LDO
LDO Output (Output): Connect to VOUT for LDO mode operation.
14
BIAS
Internal circuit bias supply. Must be de-coupled to signal ground with a 0.1
μF capacitor and
should not be loaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com