| Moteur de recherche de fiches techniques de composants électroniques |
|
CSR09B554KM Fiches technique(PDF) 17 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
CSR09B554KM Fiches technique(HTML) 17 Page - Kemet Corporation |
|
17 / 38 page ![]() KEMET T111 SERIES MIL-PRF-39003 (CSR91) CAPACITORS DASH NUMBER REFERENCE MAX. FAILURE RATE LEVEL (%/1000 HRS.) DISSI- D.C. PATION KEMET CAPACITANCE LEAKAGE FACTOR EQUIVALENT CAPACITANCE CASE TOLERANCE KEMET µA@25°C %@25°C, M P R S B C D MILITARY µF SIZE ±% PART NUMBER MAX. 120Hz (1.0) (0.1) (0.01) (0.001) (0.1) (0.01) (0.001) PART NUMBER 6 VOLT RATING AT 85°C — 4 VOLT RATING AT 125°C 2.8 A 10 T111A285K006AS 0.3 4 0221 0441 0661 0881 3001 4001 5001 T213A285K006(1)S 3.4 A 10 T111A345K006AS 0.3 6 0222 0442 0662 0882 3002 4002 5002 T213A345K006(1)S 3.4 A 20 T111A345M006AS 0.3 6 0223 0443 0663 0883 3003 4003 5003 T213A345M006(1)S 23.0 B 10 T111B236K006AS 1.5 6 0224 0444 0664 0884 3004 4004 5004 T213B236K006(1)S 23.0 B 20 T111B236M006AS 1.5 6 0225 0445 0665 0885 3005 4005 5005 T213B236M006(1)S 28.0 B 10 T111B286K006AS 1.5 6 0226 0446 0666 0886 3006 4006 5006 T213B286K006(1)S 75.0 C 10 T111C756K006AS 4.5 6 0227 0447 0667 0887 3007 4007 5007 T213C756K006(1)S 75.0 C 20 T111C756M006AS 4.5 6 0228 0448 0668 0888 3008 4008 5008 T213C756M006(1)S 90.0 C 10 T111C906K006AS 4.5 6 0229 0449 0669 0889 3009 4009 5009 T213C906K006(1)S 90.0 C 20 T111C906M006AS 5.5 6 0230 0450 0670 0890 T213C906M006(1)S 130.0 D 10 T111D137K006AS 6.0 8 0231 0451 0671 0891 3010 4010 5010 T213D137K006(1)S 130.0 D 20 T111D137M006AS 6.0 8 0232 0452 0672 0892 T213D137M006(1)S 160.0 D 10 T111D167K006AS 7.5 8 0233 0453 0673 0893 3011 4011 5011 T213D167K006(1)S 160.0 D 20 T111D167M006AS 7.5 8 0234 0454 0674 0894 3012 4012 5012 T213D167M006(1)S 10 VOLT RATING AT 85°C — 7 VOLT RATING AT 125°C 1.9 A 10 T111A195K010AS 0.3 4 0235 0455 0675 0895 3013 4013 5013 T213A195K010(1)S 2.3 A 10 T111A235K010AS 0.4 4 0236 0456 0676 0896 3014 4014 5014 T213A235K010(1)S 2.3 A 20 T111A235M010AS 0.4 4 0237 0457 0677 0897 3015 4015 5015 T213A235M010(1)S 13.0 B 10 T111B136K010AS 2.0 6 0238 0458 0678 0898 3016 4016 5016 T213B136K010(1)S 16.0 B 10 T111B166K010AS 2.0 6 0239 0459 0679 0899 3017 4017 5017 T213B166K010(1)S 16.0 B 20 T111B166M010AS 2.0 6 0240 0460 0680 0900 3018 4018 5018 T213B166M010(1)S 19.0 B 10 T111B196K010AS 2.0 6 0241 0461 0681 0901 3019 4019 5019 T213B196K010(1)S 41.0 C 10 T111C416K010AS 3.0 6 0242 0462 0682 0902 3020 4020 5020 T213C416K010(1)S 50.0 C 10 T111C506K010AS 5.0 6 0243 0463 0683 0903 3021 4021 5021 T213C506K010(1)S 50.0 C 20 T111C506M010AS 5.0 6 0244 0464 0684 0904 3022 4022 5022 T213C506M010(1)S 60.0 C 10 T111C606K010AS 6.0 6 0245 0465 0685 0905 3023 4023 5023 T213C606K010(1)S 60.0 C 20 T111C606M010AS 6.0 6 0246 0466 0686 0906 T213C606M010(1)S 90.0 D 10 T111D906K010AS 9.0 6 0247 0467 0687 0907 3024 4024 5024 T213D906K010(1)S 110.0 D 10 T111D117K010AS 10.0 8 0248 0468 0688 0908 3025 4025 5025 T213D117K010(1)S 110.0 D 20 T111D117M010AS 10.0 8 0249 0469 0689 0909 3026 4026 5026 T213D117M010(1)S TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003 T111 SERIES — NON-POLAR & T213 (CSR91) 20 KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 Primarily designed for use in tuned low frequency circuits, phasing low voltage AC motors, servo systems and other applications where rever- sal of polarity is a primary consideration. The T111 unit consists of two polar T110 Series hermetically sealed tantalum capacitors, electrically and mechanically connected back-to-back and supported by an outer corrosion-resistant metal sleeve. They exhibit comparable electrical and performance characteristics of T110 Series. Available in capaci- tance values ranging from .0023 to 160 µF in ±20%, ±10%, and ±5% tolerances in working voltages from 6 to 100 VDC at +85°C. Also, the following table includes M39003/4 QPL Product. CAPACITOR OUTLINE DRAWINGS DIMENSIONS — INCHES & (MILLIMETERS) UNINSULATED INSULATED BD L D L C CASE ±0.002 (±.05) ±0.010 (±.25) ±0.031 (±.79) ±0.010 (+.25) ±0.031 (±.79) MAX. SIZE -0.015 (-.38) A 0.020 (.51) 0.147 (3.73) 0.565 (14.35) 0.161 (4.09) 0.575 (14.61) 0.750 (19.05) B 0.020 (.51) 0.194 (4.93) 0.916 (23.27) 0.207 (5.26) 0.955 (24.26) 1.130 (28.70) C 0.025 (.64) 0.300 (7.62) 1.340 (34.04) 0.314 (7.98) 1.350 (34.29) 1.525 (38.74) D 0.025 (.64) 0.362 (9.19) 1.540 (39.12) 0.376 (9.55) 1.550 (39.37) 1.725 (43.82) MARKING INFORMATION* RATINGS & PART NUMBER REFERENCE MIL-PRF-39003/4C EXPONENTIAL MIL-PRF-39003/4C GRADED (1) To complete T213 Series Part Number, insert Failure Rate Symbol in the 13th Character as shown on Page 6. *For ordering information see page 4 (military) and page 6. * For Military Marking, see page 4. D B 1.50 ±.250 (38.10 ±6.35) 1.50 ±.250 (38.10 ±6.35) L C A, B, C & D CASES K 10% 6R0 µF 20V 0325AB Manufacturer’s Classification and Tolerance Normal Capacitance — (µF) (“R” indicates decimal) Voltage Date Code and Batch Code |