| Moteur de recherche de fiches techniques de composants électroniques |
|
CSR09B554KM Fiches technique(PDF) 15 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
CSR09B554KM Fiches technique(HTML) 15 Page - Kemet Corporation |
|
15 / 38 page ![]() KEMET T110 MIL-PRF-39003 (CSR13) CAPACITORS DASH NUMBER REFERENCE FAILURE RATE LEVEL (%/1000 HRS.) MAX. D.C. DISSIPATION KEMET CAPACITANCE LEAKAGE FACTOR EQUIVALENT CAPACITANCE CASE TOLERANCE KEMET µA@25°C %@25°C, M P R S B C D MILITARY µF SIZE ±% PART NUMBER MAX. 120Hz (1.0) (0.1) (0.01) (0.001) (0.1) (0.01) (0.001) PART NUMBER 100 VOLT RATING AT 85°C — 67 VOLT RATING AT 125°C (Cont’d) 1.2 B 5 T110B125J100AS 0.5 3 5151 5351 5551 5751 6377 7377 * T212B125J100(2)S 1.2 B 10 T110B125K100AS 0.5 3 2467 2707 2947 3187 6378 7378 * T212B125K100(2)S 1.2 B 20 T110B125M100AS 0.5 3 1.5 B 5 T110B155J100AS 0.7 3 5152 5352 5552 5752 6379 7379 * T212B155J100(2)S 1.5 B 10 T110B155K100AS 0.7 3 2468 2708 2948 3188 6380 7380 * T212B155K100(2)S 1.5 B 20 T110B155M100AS 0.7 3 2469 2709 2949 3189 6381 7381 * T212B155M100(2)S 1.8 B 5 T110B185J100AS 0.7 3 5153 5353 5553 5753 6382 7382 * T212B185J100(2)S 1.8 B 10 T110B185K100AS 0.7 3 2470 2710 2950 3190 6383 7383 * T212B185K100(2)S 1.8 B 20 T110B185M100AS 0.7 3 2.2 B 5 T110B225J100AS 0.9 3 5154 5354 5554 5754 6384 7384 * T212B225J100(2)S 2.2 B 10 T110B225K100AS 0.9 3 2471 2711 2951 3191 6385 7385 * T212B225K100(2)S 2.2 B 20 T110B225M100AS 0.9 3 2472 2712 2952 3192 6386 7386 * T212B225M100(2)S 2.7 B 5 T110B275J100AS 1.1 3 5155 5355 5555 5755 6387 7387 * T212B275J100(2)S 2.7 B 10 T110B275K100AS 1.1 3 2473 2713 2953 3193 6388 7388 * T212B275K100(2)S 2.7 B 20 T110B275M100AS 1.1 3 3.3 C 5 T110C335J100AS 1.5 3 5156 5356 5556 5756 6389 ** T212C335J100(2)S 3.3 C 10 T110C335K100AS 1.5 3 5157 5357 5557 5757 6390 ** T212C335K100(2)S 3.3 C 20 T110C335M100AS 1.5 3 5158 5358 5558 5758 6391 ** T212C335M100(2)S 3.9 C 5 T110C395J100AS 1.5 3 5159 5359 5559 5759 6392 ** T212C395J100(2)S 3.9 C 10 T110C395K100AS 1.5 3 5160 5360 5560 5760 6393 ** T212C395K100(2)S 4.7 C 5 T110C475J100AS 2.5 3 5161 5361 5561 5761 6394 ** T212C475J100(2)S 4.7 C 10 T110C475K100AS 2.5 3 5162 5362 5562 5762 6395 ** T212C475K100(2)S 4.7 C 20 T110C475M100AS 2.5 3 5163 5363 5563 5763 6396 ** T212C475M100(2)S 5.6 C 5 T110C565J100AS 2.5 3 5164 5364 5564 5764 6397 ** T212C565J100(2)S 5.6 C 10 T110C565K100AS 2.5 3 5165 5365 5565 5765 6398 ** T212C565K100(2)S 6.8 C 5 T110C685J100AS 2.5 3 5166 5366 5566 5766 6399 ** T212C685J100(2)S 6.8 C 10 T110C685K100AS 2.5 3 5167 5367 5567 5767 6400 ** T212C685K100(2)S 6.8 C 20 T110C685M100AS 2.5 3 5168 5368 5568 5768 6401 ** T212C685M100(2)S 8.2 D 5,10,20 T110D825(1)100AS 5.0 3 10.0 D 5,10,20 T110D106(1)100AS 5.0 3 125 VOLT RATING AT 85°C — 82 VOLT RATING AT 125° 0.0047 A 5,10,20 T110A472(1)125AS 0.5 3 0.0056 A 5,10,20 T110A562(1)125AS 0.5 3 0.0068 A 5,10,20 T110A682(1)125AS 0.5 3 0.0082 A 5,10,20 T110A822(1)125AS 0.5 3 0.01 A 5,10,20 T110A103(1)125AS 0.5 3 0.012 A 5,10,20 T110A123(1)125AS 0.5 3 0.015 A 5,10,20 T110A153(1)125AS 0.5 3 0.018 A 5,10,20 T110A183(1)125AS 0.5 3 0.022 A 5,10,20 T110A223(1)125AS 0.5 3 0.027 A 5,10,20 T110A273(1)125AS 0.5 3 0.033 A 5,10,20 T110A333(1)125AS 0.5 3 0.039 A 5,10,20 T110A393(1)125AS 1.5 3 0.047 A 5,10,20 T110A473(1)125AS 1.5 3 0.056 A 5,10,20 T110A563(1)125AS 1.5 3 0.068 A 5,10,20 T110A683(1)125AS 1.5 3 0.082 A 5,10,20 T110A823(1)125AS 1.5 3 0.1 A 5,10,20 T110A104(1)125AS 1.5 3 0.12 A 5,10,20 T110A124(1)125AS 1.5 3 0.15 A 5,10,20 T110A154(1)125AS 1.5 3 0.18 A 5,10,20 T110A184(1)125AS 1.5 3 0.22 A 5,10,20 T110A224(1)125AS 1.5 3 0.27 A 5,10,20 T110A274(1)125AS 1.5 3 0.33 A 5,10,20 T110A334(1)125AS 1.5 3 0.39 B 5,10,20 T110B394(1)125AS 1.5 3 0.47 B 5,10,20 T110B474(1)125AS 1.5 3 0.56 B 5,10,20 T110B564(1)125AS 1.5 3 0.68 B 5,10,20 T110B684(1)125AS 1.5 3 0.82 B 5,10,20 T110B824(1)125AS 1.5 3 TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003 T110 SERIES — POLAR TYPE & T212 (CSR13) 18 KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 RATINGS & PART NUMBER REFERENCE MIL-PRF-39003/1H EXPONENTIAL MIL-PRF-39003/1H GRADED (1) To complete T110 Series Part Number, insert Capacitance Tolerance Symbol in the 9th Character as shown on Page 6. (2) To complete the T212 Series Part Number, insert Failure Rate Symbol in the 13th Character. Bold Face lines indicate popular part types and values. *Note: C failure rate — Not QPL for 7389 thru 7401. D failure rate — Not QPL for -8304 thru -8401. |