| Moteur de recherche de fiches techniques de composants électroniques |
|
CSR09B554KM Fiches technique(PDF) 12 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
CSR09B554KM Fiches technique(HTML) 12 Page - Kemet Corporation |
|
12 / 38 page ![]() KEMET T110 MIL-PRF-39003 (CSR13) CAPACITORS DASH NUMBER REFERENCE FAILURE RATE LEVEL (%/1000 HRS.) MAX. D.C. DISSIPATION KEMET CAPACITANCE LEAKAGE FACTOR EQUIVALENT CAPACITANCE CASE TOLERANCE KEMET µA@25°C %@25°C, M P R S B C D MILITARY µF SIZE ±% PART NUMBER MAX. 120Hz (1.0) (0.1) (0.01) (0.001) (0.1) (0.01) (0.001) PART NUMBER 75 VOLT RATING AT 85°C — 50 VOLT RATING AT 125°C (Cont’d) 0.012 A 5,10,20 T110A123(1)075AS 0.3 2 0.015 A 5,10,20 T110A153(1)075AS 0.3 2 0.018 A 5,10,20 T110A183(1)075AS 0.3 2 0.022 A 5,10,20 T110A223(1)075AS 0.3 2 0.027 A 5,10,20 T110A273(1)075AS 0.3 2 0.033 A 5,10,20 T110A333(1)075AS 0.3 2 0.039 A 5,10,20 T110A393(1)075AS 0.3 2 0.047 A 5,10,20 T110A473(1)075AS 0.3 2 0.056 A 5,10,20 T110A563(1)075AS 0.3 2 0.068 A 5,10,20 T110A683(1)075AS 0.3 2 0.082 A 5,10,20 T110A823(1)075AS 0.3 2 0.1 A 5 T110A104J075AS 0.3 2 5095 5295 5495 5695 6236 7236 8236 T212A104J075(2)S 0.1 A 10 T110A104K075AS 0.3 2 2382 2622 2862 3102 6237 7237 8237 T212A104K075(2)S 0.1 A 20 T110A104M075AS 0.3 2 2383 2623 2863 3103 6238 7238 8238 T212A104M075(2)S 0.12 A 5 T110A124J075AS 0.3 2 5096 5296 5496 5696 6239 7239 8239 T212A124J075(2)S 0.12 A 10 T110A124K075AS 0.3 2 2384 2624 2864 3104 6240 7240 8240 T212A124K075(2)S 0.12 A 20 T110A124M075AS 0.3 2 0.15 A 5 T110A154J075AS 0.3 2 5097 5297 5497 5697 6241 7241 8241 T212A154J075(2)S 0.15 A 10 T110A154K075AS 0.3 2 2385 2625 2865 3105 6242 7242 8242 T212A154K075(2)S 0.15 A 20 T110A154M075AS 0.3 2 2386 2626 2866 3106 6243 7243 8243 T212A154M075(2)S 0.18 A 5 T110A184J075AS 0.3 2 5098 5298 5498 5698 6244 7244 8244 T212A184J075(2)S 0.18 A 10 T110A184K075AS 0.3 2 2387 2627 2867 3107 6245 7245 8245 T212A184K075(2)S 0.18 A 20 T110A184M075AS 0.3 2 0.22 A 5 T110A224J075AS 0.3 2 5099 5299 5499 5699 6246 7246 8246 T212A224J075(2)S 0.22 A 10 T110A224K075AS 0.3 2 2388 2628 2868 3108 6247 7247 8247 T212A224K075(2)S 0.22 A 20 T110A224M075AS 0.3 2 2389 2629 2869 3109 6248 7248 8248 T212A224M075(2)S 0.27 A 5 T110A274J075AS 0.3 2 5100 5300 5500 5700 6249 7249 8249 T212A274J075(2)S 0.27 A 10 T110A274K075AS 0.3 2 2390 2630 2870 3110 6250 7250 8250 T212A274K075(2)S 0.27 A 20 T110A274M075AS 0.3 2 0.33 A 5 T110A334J075AS 0.3 2 5101 5301 5501 5701 6251 7251 8251 T212A334J075(2)S 0.33 A 10 T110A334K075AS 0.3 2 2391 2631 2871 3111 6252 7252 8252 T212A334K075(2)S 0.33 A 20 T110A334M075AS 0.3 2 2392 2632 2872 3112 6253 7253 8253 T212A334M075(2)S 0.39 A 5 T110A394J075AS 0.3 2 5102 5302 5502 5702 6254 7254 8254 T212A394J075(2)S 0.39 A 10 T110A394K075AS 0.3 2 2393 2633 2873 3113 6255 7255 8255 T212A394K075(2)S 0.39 A 20 T110A394M075AS 0.3 2 0.47 A 5 T110A474J075AS 0.3 2 5103 5303 5503 5703 6256 7256 8256 T212A474J075(2)S 0.47 A 10 T110A474K075AS 0.3 2 2394 2634 2874 3114 6257 7257 8257 T212A474K075(2)S 0.47 A 20 T110A474M075AS 0.3 2 2395 2635 2875 3115 6258 7258 8258 T212A474M075(2)S 0.56 A 5 T110A564J075AS 0.3 2 5104 5304 5504 5704 6259 7259 8259 T212A564J075(2)S 0.56 A 10 T110A564K075AS 0.3 2 2396 2636 2876 3116 6260 7260 8260 T212A564K075(2)S 0.56 A 20 T110A564M075AS 0.3 2 0.68 A 5 T110A684J075AS 0.3 2 5105 5305 5505 5705 6261 7261 8261 T212A684J075(2)S 0.68 A 10 T110A684K075AS 0.3 2 2397 2637 2877 3117 6262 7262 8262 T212A684K075(2)S 0.68 A 20 T110A684M075AS 0.3 2 2398 2638 2878 3118 6263 7263 8263 T212A684M075(2)S 0.82 B 5 T110B824J075AS 0.3 2 5106 5306 5506 5706 6264 7264 8264 T212B824J075(2)S 0.82 B 10 T110B824K075AS 0.3 2 2399 2639 2879 3119 6265 7265 8265 T212B824K075(2)S 0.82 B 20 T110B824M075AS 0.3 2 1.0 B 5 T110B105J075AS 0.3 2 5107 5307 5507 5707 6266 7266 8266 T212B105J075(2)S 1.0 B 10 T110B105K075AS 0.3 2 2400 2640 2880 3120 6267 7267 8267 T212B105K075(2)S 1.0 B 20 T110B105M075AS 0.3 2 2401 2641 2881 3121 6268 7268 8268 T212B105M075(2)S 1.2 B 5 T110B125J075AS 0.3 4 5108 5308 5508 5708 6269 7269 8269 T212B125J075(2)S 1.2 B 10 T110B125K075AS 0.3 4 2402 2642 2882 3122 6270 7270 8270 T212B125K075(2)S 1.2 B 20 T110B125M075AS 0.3 4 1.5 B 5 T110B155J075AS 0.6 4 5109 5309 5509 5709 6271 7271 8271 T212B155J075(2)S 1.5 B 10 T110B155K075AS 0.6 4 2403 2643 2883 3123 6272 7272 8272 T212B155K075(2)S 1.5 B 20 T110B155M075AS 0.6 4 2404 2644 2884 3124 6273 7273 8273 T212B155M075(2)S 1.8 B 5 T110B185J075AS 0.7 4 5110 5310 5510 5710 6274 7274 8274 T212B185J075(2)S 1.8 B 10 T110B185K075AS 0.7 4 2405 2645 2885 3125 6275 7275 8275 T212B185K075(2)S 1.8 B 20 T110B185M075AS 0.7 4 2.2 B 5 T110B225J075AS 0.8 4 5111 5311 5511 5711 6276 7276 8276 T212B225J075(2)S 2.2 B 10 T110B225K075AS 0.8 4 2406 2646 2886 3126 6277 7277 8277 T212B225K075(2)S TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003 T110 SERIES — POLAR TYPE & T212 (CSR13) KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 15 RATINGS & PART NUMBER REFERENCE MIL-PRF-39003/1H EXPONENTIAL MIL-PRF-39003/1H GRADED (1) To complete T110 Series part number, insert Capacitance Tolerance Symbol in the 9th Character as shown on Page 6. (2) To complete the T212 Series Part Number, insert Failure Rate Symbol in the 13th Character. Bold Face lines indicate popular part types and values. |