Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S5000PAL Fiches technique(PDF) 62 Page - Intel Corporation

No de pièce S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Fiches technique(HTML) 62 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 58Page - Intel Corporation S5000PAL Datasheet HTML 59Page - Intel Corporation S5000PAL Datasheet HTML 60Page - Intel Corporation S5000PAL Datasheet HTML 61Page - Intel Corporation S5000PAL Datasheet HTML 62Page - Intel Corporation S5000PAL Datasheet HTML 63Page - Intel Corporation S5000PAL Datasheet HTML 64Page - Intel Corporation S5000PAL Datasheet HTML 65Page - Intel Corporation S5000PAL Datasheet HTML 66Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Jumper Block Settings
Revision 1.7
Intel order number: D31979-010
63
6.3
External RJ45 Serial Port Jumper Block
The jumper block J8A3, located directly behind the external RJ45 serial port, is used to configure either a
DSR or a DCD signal to the connector.
TP02303
J8A3
1-2: DCD to DTR
3-4: DSR to DTR
(factory default)
2
4
3
Figure 19. External RJ45 Serial Port Configuration Jumper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More