Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S5000PAL Fiches technique(PDF) 18 Page - Intel Corporation

No de pièce S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Fiches technique(HTML) 18 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 14Page - Intel Corporation S5000PAL Datasheet HTML 15Page - Intel Corporation S5000PAL Datasheet HTML 16Page - Intel Corporation S5000PAL Datasheet HTML 17Page - Intel Corporation S5000PAL Datasheet HTML 18Page - Intel Corporation S5000PAL Datasheet HTML 19Page - Intel Corporation S5000PAL Datasheet HTML 20Page - Intel Corporation S5000PAL Datasheet HTML 21Page - Intel Corporation S5000PAL Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Product Overview
Revision 1.7
Intel order number: D31979-010
19
2.2.4
Server Board Mechanical Drawings
TP02316
4 x 187.93 [7.399]
2 x 0.00 [0.000]
15.24 [0.600]
21.59 [0.850]
45.59 [1.795]
227.33 [8.950]
3 x 312.42 [12.300]
320.04 [12.600]
127.43 [5.017]
62.66 [2.467]
67.31 [2.650]
2 x 49.35 [1.943]
10.16 [0.400]
0.91 [0.036]
2 x 101.60 [4.000]
22.86 [0.900]
0.16 [0.006]
9 x Ø 0.125 [3.18] Typ.
Lotes B2515BB2M
6012A0019603
38.10
[1.500] Typ.
8 x Ø 10.16 [0.400]
7 x Ø 3.96 [0.156]
124.26 [4.892]
Molex 22-44-7031
6012A0099701-HDR4P
Molex 22-44-7031
6012A0099701
228.60 [9.000]
Lotes B2515BB2M
6012A0019603
152.40 [6.000]
6 x Betterment
BTM-PP02.2F1611.007X
6012B0018302
5 x Ø 8.00 [0.315]
Silkscreen on secondary
side for spacer
Lotes AAA-PCI-033-K02
6012B0051002
Lotes B4L60BB2L
6012A0105401
AMP 177983-5
6012A0103201
Molex 877715-3205
6012A0100101
FCI 10027747-114101
6012A0105001
Figure 4. Intel® Server Board S5000PAL / S5000XAL – Hole and Component Positions (1 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More