Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S5000PAL Fiches technique(PDF) 67 Page - Intel Corporation

No de pièce S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Fiches technique(HTML) 67 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 63Page - Intel Corporation S5000PAL Datasheet HTML 64Page - Intel Corporation S5000PAL Datasheet HTML 65Page - Intel Corporation S5000PAL Datasheet HTML 66Page - Intel Corporation S5000PAL Datasheet HTML 67Page - Intel Corporation S5000PAL Datasheet HTML 68Page - Intel Corporation S5000PAL Datasheet HTML 69Page - Intel Corporation S5000PAL Datasheet HTML 70Page - Intel Corporation S5000PAL Datasheet HTML 71Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 112 page
background image
Light Guided Diagnostics
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
68
7.5
Post Code Diagnostic LEDs
During the system boot process, BIOS executes a number of platform configuration processes, each of
which is assigned a specific hex POST code number. As each configuration routine is started, BIOS will
display the given POST code to the POST code diagnostic LEDs found on the back edge of the server
board. To assist in troubleshooting a system hang during the POST process, the diagnostic LEDs can be
used to identify the last POST process to be executed. See Appendix C for a complete description of
how these LEDs are read, and for a list of all supported POST codes.
TP02312
Figure 24. POST Code Diagnostic LED Location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More