Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S5000PAL Fiches technique(PDF) 102 Page - Intel Corporation

No de pièce S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Fiches technique(HTML) 102 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 98Page - Intel Corporation S5000PAL Datasheet HTML 99Page - Intel Corporation S5000PAL Datasheet HTML 100Page - Intel Corporation S5000PAL Datasheet HTML 101Page - Intel Corporation S5000PAL Datasheet HTML 102Page - Intel Corporation S5000PAL Datasheet HTML 103Page - Intel Corporation S5000PAL Datasheet HTML 104Page - Intel Corporation S5000PAL Datasheet HTML 105Page - Intel Corporation S5000PAL Datasheet HTML 106Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Appendix C: POST Code Diagnostic LEDs
Revision 1.7
Intel order number: D31979-010
103
Diagnostic LED Decoder
G=Green, R=Red, A=Amber
Checkpoint
MSB
LSB
Description
0xE7h
R
A
A
G
Waiting for user input
0xE8h
A
R
R
OFF
Checking password
0xE9h
A
R
R
G
Entering BIOS setup
0xEAh
A
R
A
OFF
Flash Update
0xEEh
A
A
A
OFF
Calling Int 19. One beep unless silent boot is enabled.
0xEFh
A
A
A
G
Unrecoverable boot failure / S3 resume failure
Runtime Phase / EFI Operating System Boot
0xF4h
R
A
R
R
Entering Sleep state
0xF5h
R
A
R
A
Exiting Sleep state
0xF8h
A
R
R
R
Operating system has requested EFI to close boot services
(ExitBootServices ( ) has been called)
0xF9h
A
R
R
A
Operating system has switched to virtual address mode
(SetVirtualAddressMap ( ) has been called)
0xFAh
A
R
A
R
Operating system has requested the system to reset (ResetSystem ()
has been called)
Pre-EFI Initialization Module (PEIM) / Recovery
0x30h
OFF
OFF
R
R
Crisis recovery has been initiated because of a user request
0x31h
OFF
OFF
R
A
Crisis recovery has been initiated by software (corrupt flash)
0x34h
OFF
G
R
R
Loading crisis recovery capsule
0x35h
OFF
G
R
A
Handing off control to the crisis recovery capsule
0x3Fh
G
G
A
A
Unable to complete crisis recovery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More