Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD54008-E Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce PD54008-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54008-E Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button PD54008-E Datasheet HTML 13Page - STMicroelectronics PD54008-E Datasheet HTML 14Page - STMicroelectronics PD54008-E Datasheet HTML 15Page - STMicroelectronics PD54008-E Datasheet HTML 16Page - STMicroelectronics PD54008-E Datasheet HTML 17Page - STMicroelectronics PD54008-E Datasheet HTML 18Page - STMicroelectronics PD54008-E Datasheet HTML 19Page - STMicroelectronics PD54008-E Datasheet HTML 20Page - STMicroelectronics PD54008-E Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
PD54008-E, PD54008S-E
Common source s-parameter
Doc ID 12271 Rev 2
17/29
Table 12.
S-parameter PD54008-E (VDS = 7.5 V IDS = 800 mA)
Freq
(MHz)
IS11I
S11.F
IS21I
S21.F
IS12I
S12.F
IS22I
S22.F
50
0.837
-173
8.92
84
0.017
-2
0.867
-174
100
0.882
-176
4.35
79
0.017
-7
0.870
-177
150
0.902
-178
3.00
75
0.017
-8
0.868
-178
200
0.909
-179
2.17
71
0.016
-12
0.876
-178
250
0.912
-180
1.71
66
0.016
-14
0.878
-179
300
0.918
180
1.40
61
0.015
-16
0.884
-179
350
0.920
179
1.17
57
0.014
-18
0.890
-180
400
0.925
179
1.00
52
0.013
-19
0.893
-180
450
0.928
178
0.86
48
0.013
-21
0.902
180
500
0.932
177
0.75
44
0.012
-22
0.911
179
550
0.935
177
0.66
41
0.011
-20
0.914
179
600
0.939
176
0.59
38
0.01
-22
0.920
178
650
0.944
175
0.53
34
0.009
-17
0.924
178
700
0.947
175
0.47
32
0.008
-13
0.927
177
750
0.946
174
0.43
29
0.008
-12
0.932
177
800
0.951
174
0.39
26
0.007
-9
0.933
176
850
0.953
173
0.36
24
0.007
-4
0.939
175
900
0.954
172
0.33
22
0.006
6
0.942
175
950
0.955
172
0.30
19
0.006
9
0.944
174
1000
0.958
171
0.28
17
0.006
15
0.943
174
1050
0.958
170
0.26
15
0.005
23
0.950
173
1100
0.957
170
0.24
13
0.006
31
0.947
173
1150
0.959
169
0.23
11
0.006
40
0.946
172
1200
0.969
169
0.21
10
0.006
46
0.950
172
1250
0.961
168
0.20
8
0.007
50
0.953
171
1300
0.960
167
0.19
5
0.008
51
0.954
171
1350
0.958
167
0.18
3
0.008
54
0.951
170
1400
0.959
166
0.16
1
0.008
61
0.950
169
1450
0.958
166
0.15
1
0.009
67
0.951
169
1500
0.953
165
0.14
0
0.009
80
0.950
168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29