| Moteur de recherche de fiches techniques de composants électroniques |
|
PD54008-E Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PD54008-E Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 29 page ![]() PD54008-E, PD54008S-E Test circuit Doc ID 12271 Rev 2 13/29 5 Test circuit Figure 25. Test circuit schematic Table 10. Test circuit component part list Component Description B1,B2 Short ferrite bead, fair rite products (2743021446) C1,C13 240 pF, 100 mil chip capacitor C2,C3,C4,C10,C11,C12 0 to 20 pF trimmer capacitor C5 130 pF, 100 mil chip capacitor C6,C17 120 pF, 100 mil chip capacitor C7,C14 10 μF, 50 V electrolitic capacitor C8,C15 1.200 pF, 100 mil chip capacitor C9,C16 0.1 F, 100 mil chip capacitor L1 55,5 Nh, 5 turn, Coilcraft N1,N2 Type N flange mount R1 15 Ω, 0805 chip resistor R2 1.0 k Ω, 1/8 W resistor R3 15 Ω, 0805 chip resistor R4 33 k Ω, 1/8 W resistor Z1 0.175” X 0.080” microstrip Z2 1.049” X 0.080” microstrip Z3 0.289” X 0.080” microstrip Z4 0.026” X 0.080” microstrip Z5 0.192” X 0.223” microstrip Z6,Z7 0.260” X 0.223” microstrip Z8 0.064” X 0.080” microstrip |