| Moteur de recherche de fiches techniques de composants électroniques |
|
520 Fiches technique(PDF) 5 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
520 Fiches technique(HTML) 5 Page - Intel Corporation |
|
5 / 96 page ![]() Datasheet 5 Contents Figures 2-1 Phase Lock Loop (PLL) Filter Requirements.............................................................................. 19 2-2 VCC Static and Transient Tolerance for 775_VR_CONFIG_04A............................................... 28 2-3 VCC Static and Transient Tolerance for 775_VR_CONFIG_04B............................................... 30 2-4 VCC Overshoot Example Waveform .......................................................................................... 33 3-1 Processor Package Assembly Sketch ........................................................................................ 35 3-2 Processor Package Drawing 1 ................................................................................................... 36 3-3 Processor Package Drawing 2 ................................................................................................... 37 3-4 Processor Package Drawing 3 ................................................................................................... 38 3-5 Processor Top-Side Marking Example ....................................................................................... 40 3-6 Processor Top-Side Marking Example for Processors Supporting Intel® EM64T ...................... 41 3-7 Processor Land Coordinates (Top View).................................................................................... 42 4-1 Landout Diagram (Top View – Left Side).................................................................................... 44 4-2 Landout Diagram (Top View – Right Side) ................................................................................. 45 5-1 Thermal Profile for Processors with PRB = 1 ............................................................................. 77 5-2 Thermal Profile for Processors with PRB = 0 ............................................................................. 78 5-3 Case Temperature (TC) Measurement Location ........................................................................ 79 5-4 Thermal Monitor 2 Frequency and Voltage Ordering ................................................................. 81 6-1 Processor Low Power State Machine......................................................................................... 87 7-1 Mechanical Representation of the Boxed Processor.................................................................. 89 7-2 Space Requirements for the Boxed Processor (Side View) ....................................................... 90 7-3 Space Requirements for the Boxed Processor (Top View) ........................................................ 90 7-4 Space Requirements for the Boxed Processor (Overall View) ................................................... 91 7-5 Boxed Processor Fan Heatsink Power Cable Connector Description ........................................ 92 7-6 Baseboard Power Header Placement Relative to Processor Socket ......................................... 93 7-7 Boxed Processor Fan Heatsink Airspace Keepout Requirements (Top View) ........................... 94 7-8 Boxed Processor Fan Heatsink Airspace Keepout Requirements (Side View) .......................... 94 7-9 Boxed Processor Fan Heatsink Set Points................................................................................. 95 |