Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

520 Fiches technique(PDF) 43 Page - Intel Corporation

No de pièce 520
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

520 Fiches technique(HTML) 43 Page - Intel Corporation

Back Button 520 Datasheet HTML 39Page - Intel Corporation 520 Datasheet HTML 40Page - Intel Corporation 520 Datasheet HTML 41Page - Intel Corporation 520 Datasheet HTML 42Page - Intel Corporation 520 Datasheet HTML 43Page - Intel Corporation 520 Datasheet HTML 44Page - Intel Corporation 520 Datasheet HTML 45Page - Intel Corporation 520 Datasheet HTML 46Page - Intel Corporation 520 Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 96 page
background image
Datasheet
43
Land Listing and Signal Descriptions
4
Land Listing and Signal
Descriptions
This chapter provides the processor land assignment and signal descriptions.
4.1
Processor Land Assignments
This section contains the land listings for the Pentium 4 processor in the 775-land package. The
landout footprint is shown in Figure 4-1 and Figure 4-2. These figures represent the landout
arranged by land number and they show the physical location of each signal on the package land
array (top view). Table 4-1 is a listing of all processor lands ordered alphabetically by land (signal)
name. Table 4-2 is also a listing of all processor lands; the ordering is by land number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96