Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

520 Fiches technique(PDF) 18 Page - Intel Corporation

No de pièce 520
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

520 Fiches technique(HTML) 18 Page - Intel Corporation

Back Button 520 Datasheet HTML 14Page - Intel Corporation 520 Datasheet HTML 15Page - Intel Corporation 520 Datasheet HTML 16Page - Intel Corporation 520 Datasheet HTML 17Page - Intel Corporation 520 Datasheet HTML 18Page - Intel Corporation 520 Datasheet HTML 19Page - Intel Corporation 520 Datasheet HTML 20Page - Intel Corporation 520 Datasheet HTML 21Page - Intel Corporation 520 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 96 page
background image
18
Datasheet
Electrical Specifications
Table 2-2.
Voltage Identification Definition
VID5
VID4
VID3
VID2
VID1
VID0
VID
VID5
VID4
VID3
VID2
VID1
VID0
VID
0
0
1
0
1
0
0.8375
0
1
1
0
1
0
1.2125
1
0
1
0
0
1
0.8500
1
1
1
0
0
1
1.2250
0
0
1
0
0
1
0.8625
0
1
1
0
0
1
1.2375
1
0
1
0
0
0
0.8750
1
1
1
0
0
0
1.2500
0
0
1
0
0
0
0.8875
0
1
1
0
0
0
1.2625
1
0
0
1
1
1
0.9000
1
1
0
1
1
1
1.2750
0
0
0
1
1
1
0.9125
0
1
0
1
1
1
1.2875
1
0
0
1
1
0
0.9250
1
1
0
1
1
0
1.3000
0
0
0
1
1
0
0.9375
0
1
0
1
1
0
1.3125
1
0
0
1
0
1
0.9500
1
1
0
1
0
1
1.3250
0
0
0
1
0
1
0.9625
0
1
0
1
0
1
1.3375
1
0
0
1
0
0
0.9750
1
1
0
1
0
0
1.3500
0
0
0
1
0
0
0.9875
0
1
0
1
0
0
1.3625
1
0
0
0
1
1
1.0000
1
1
0
0
1
1
1.3750
0
0
0
0
1
1
1.0125
0
1
0
0
1
1
1.3875
1
0
0
0
1
0
1.0250
1
1
0
0
1
0
1.4000
0
0
0
0
1
0
1.0375
0
1
0
0
1
0
1.4125
1
0
0
0
0
1
1.0500
1
1
0
0
0
1
1.4250
0
0
0
0
0
1
1.0625
0
1
0
0
0
1
1.4375
1
0
0
0
0
0
1.0750
1
1
0
0
0
0
1.4500
0
0
0
0
0
0
1.0875
0
1
0
0
0
0
1.4625
1
1
1
1
1
1
VR output off
1
0
1
1
1
1
1.4750
0
1
1
1
1
1
VR output off
0
0
1
1
1
1
1.4875
1
1
1
1
1
0
1.1000
1
0
1
1
1
0
1.5000
0
1
1
1
1
0
1.1125
0
0
1
1
1
0
1.5125
1
1
1
1
0
1
1.1250
1
0
1
1
0
1
1.5250
0
1
1
1
0
1
1.1375
0
0
1
1
0
1
1.5375
1
1
1
1
0
0
1.1500
1
0
1
1
0
0
1.5500
0
1
1
1
0
0
1.1625
0
0
1
1
0
0
1.5625
1
1
1
0
1
1
1.1750
1
0
1
0
1
1
1.5750
0
1
1
0
1
1
1.1875
0
0
1
0
1
1
1.5875
1
1
1
0
1
0
1.2000
1
0
1
0
1
0
1.6000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96