Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

910GL Fiches technique(PDF) 416 Page - Intel Corporation

No de pièce 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Fiches technique(HTML) 416 Page - Intel Corporation

Back Button 910GL Datasheet HTML 412Page - Intel Corporation 910GL Datasheet HTML 413Page - Intel Corporation 910GL Datasheet HTML 414Page - Intel Corporation 910GL Datasheet HTML 415Page - Intel Corporation 910GL Datasheet HTML 416Page - Intel Corporation 910GL Datasheet HTML 417Page - Intel Corporation 910GL Datasheet HTML 418Page - Intel Corporation 910GL Datasheet HTML 419Page - Intel Corporation 910GL Datasheet HTML 420Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 426 page
background image
Testability
R
416
Datasheet
Table 15-14. DDR2 XOR Chain #1
Pin Count
Ball #
DDR2 Signal Name
Comments
1
A28
HD57
2
A27
HD61
3
B27
HD54
4
B25
HD63
5
E24
HD62
6
C26
HD59
7
C27
HD49
8
C28
HD56
9
A31
HD53
10
C31
HD50
11
B31
HD52
12
D29
HD18
13
E28
HD16
14
G29
HD20
15
B34
HD11
16
B33
HD13
17
C32
HD14
18
C33
HD9
19
C34
HD12
20
D34
HD8
21
D33
HD10
22
E34
HDINV0#
23
E33
HDSTBP0#
24
E35
HDSTBN0#
25
F34
HD6
26
G34
HD5
27
G35
HD3
28
J33
HD0
29
G32
HA7#
30
H31
HREQ2#
31
K30
HA8#
32
J31
HADSTB0#
33
G31
HREQ3#
34
E31
HPCREQ#
35
L29
HA9#
36
L28
HA12#
37
J32
HRS2#
38
K34
HRS0#
39
L33
HLOCK#
40
M32
HDRDY#
41
M31
HADS#
42
L34
HHIT#
43
M35
HBNR#
44
L35
HDBSY#
45
N35
HHITM#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More