Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

910GL Fiches technique(PDF) 401 Page - Intel Corporation

No de pièce 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Fiches technique(HTML) 401 Page - Intel Corporation

Back Button 910GL Datasheet HTML 397Page - Intel Corporation 910GL Datasheet HTML 398Page - Intel Corporation 910GL Datasheet HTML 399Page - Intel Corporation 910GL Datasheet HTML 400Page - Intel Corporation 910GL Datasheet HTML 401Page - Intel Corporation 910GL Datasheet HTML 402Page - Intel Corporation 910GL Datasheet HTML 403Page - Intel Corporation 910GL Datasheet HTML 404Page - Intel Corporation 910GL Datasheet HTML 405Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 426 page
background image
Testability
R
Datasheet
401
15.4
XOR Chain Definition
The 82915G/82915GV/82915GL/82910GL GMCH, and the 82915P/ 82915PL MCH each have
10 XOR chains. The XOR chain outputs are driven out on the following output pins. During full-
width testing, XOR chain outputs are visible on both pins. For example, xor_out0 is visible on
BSEL2.
Table 15-2. XOR Chain Outputs for both DDR and DDR2
XOR Chain
Output Pins
Coordinate Location
xor_out0
BSEL2
D17
xor_out1
RSV
M16
xor_out2
RSV
F15
xor_out3
MTYPE
C15
xor_out4
EXP_SLR
A16
xor_out5
RSV
B15
xor_out6
RSV
C14
xor_out7
RSV
K15
xor_out8
BSEL0
H16
xor_out9
BSEL1
E15
15.5
DDR XOR Chains
The tables in this section show the DDR XOR chains. The last section in this chapter has a pin
exclusion list. The chain files are golden, if there is a pin missing from the chain files and
exclusion list, it should be added to the exclusion list.
Note:
The DDR XOR Chain information is based on the 82915G GMCH. Differences for the
82915GV/82915GL/82910GL GMCH and 82915P/82915PL MCH are indicated in the
“Comments” column.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More