Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

910GL Fiches technique(PDF) 207 Page - Intel Corporation

No de pièce 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Fiches technique(HTML) 207 Page - Intel Corporation

Back Button 910GL Datasheet HTML 203Page - Intel Corporation 910GL Datasheet HTML 204Page - Intel Corporation 910GL Datasheet HTML 205Page - Intel Corporation 910GL Datasheet HTML 206Page - Intel Corporation 910GL Datasheet HTML 207Page - Intel Corporation 910GL Datasheet HTML 208Page - Intel Corporation 910GL Datasheet HTML 209Page - Intel Corporation 910GL Datasheet HTML 210Page - Intel Corporation 910GL Datasheet HTML 211Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 426 page
background image
System Address Map
R
Datasheet
207
Figure 11-1. System Address Ranges
PCI Memory
Address Range
(Subtractively
decoded to DMI)
Main Memory
Address Range
Legacy Address
Range
0
1 MB
TOLUD
4 GB
Device 0
Bars
(EPBAR,
MCHBAR,
PCIEXBAR,
DMIBAR)
Device 1
Bars
(MBASE1/
MLIMIT1,
PMBASE1/
PMLIMIT1)
Device 21
Bars
(MMADR,
GMADR,
GTTADR)
Device 0
GGC
(Graphics
Stolen
Memory)
Independently Programmable
Non-Overlapping Windows
NOTES:
1. Device 2 is not on the 82915P/82915PL MCH.
2. Device 1 is not on the 82915GV/82910GL/82915GL GMCH.
11.1
Legacy Address Range
This area is divided into the following address regions:
• 0 – 640 KB: DOS Area
• 640 – 768 KB: Legacy Video Buffer Area
• 768 – 896 KB in 16-KB sections (total of 8 sections): Expansion Area
• 896 – 960 KB in 16-KB sections (total of 4 sections): Extended System BIOS Area
• 960-KB – 1-MB Memory: System BIOS Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More