Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

910GL Fiches technique(PDF) 159 Page - Intel Corporation

No de pièce 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Fiches technique(HTML) 159 Page - Intel Corporation

Back Button 910GL Datasheet HTML 155Page - Intel Corporation 910GL Datasheet HTML 156Page - Intel Corporation 910GL Datasheet HTML 157Page - Intel Corporation 910GL Datasheet HTML 158Page - Intel Corporation 910GL Datasheet HTML 159Page - Intel Corporation 910GL Datasheet HTML 160Page - Intel Corporation 910GL Datasheet HTML 161Page - Intel Corporation 910GL Datasheet HTML 162Page - Intel Corporation 910GL Datasheet HTML 163Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
Datasheet
159
8.1.41
SLOTSTS—Slot Status (D1:F0)
PCI Device:
1
Address Offset:
BAh
Default Value:
0X00h
Access:
RO, R/W/C
Size:
16 bits
PCI Express slot-related registers allow for the support of Hot-Plug.
Bit
Access &
Default
Description
15:7
Reserved
6
RO
Xb
Presence Detect State: This bit indicates the presence of a card in the slot.
0 = Slot Empty
1 = Card Present in slot.
5
Reserved
4
R/WC
0b
Command Completed:
1 = Hot plug controller completed an issued command.
3
R/WC
0b
Presence Detect Changed:
1 = Presence Detect change is detected. This corresponds to an edge on the
signal that corresponds to bit 6 of this register (Presence Detect State).
2:1
Reserved
0
R/WC
0b
Attention Button Pressed:
1 = Attention Button is pressed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More