| Moteur de recherche de fiches techniques de composants électroniques |
|
915GL Fiches technique(PDF) 44 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
915GL Fiches technique(HTML) 44 Page - Intel Corporation |
|
44 / 426 page ![]() Signal Description R 44 Datasheet 2.9 Intel ® Serial DVO (SDVO) Interface (82915G/82915GV/82915GL/82910GL GMCH Only) For the 82915G/82915GV/82915GL/82910GL GMCH, all but two of the pins in this section are multiplexed with the lower 8 lanes of the PCI Express interface. Note: The SDVO interface does not support static lane reversal (e.g., SDVOB_CLK# will originate from the same ball whether the PCI Express interface is lane-reversed mode or not. Signal Name Type Description SDVOB_GREEN- O PCIE Serial Digital Video Channel B Green Complement. This signal is multiplexed with EXP_TXN1. SDVOB_GREEN+ O PCIE Serial Digital Video Channel B Green. This signal is multiplexed with EXP_TXP1. SDVOB_BLUE- O PCIE Serial Digital Video Channel B Blue Complement. This signal is multiplexed with EXP_TXN2. SDVOB_BLUE+ O PCIE Serial Digital Video Channel B Blue. This signal is multiplexed with EXP_TXP2. SDVOC_RED- / SDVOB_ALPHA- O PCIE Serial Digital Video Channel C Red Complement Channel B Alpha Complement. This signal is multiplexed with EXP_TXN4. SDVOC_RED+ / SDVOB_ALPHA+ O PCIE Serial Digital Video Channel C Red Channel B Alpha. This signal is multiplexed with EXP_TXP4. SDVOC_GREEN- O PCIE Serial Digital Video Channel C Green Complement. This signal is multiplexed with EXP_TXN5. SDVOC_GREEN+ O PCIE Serial Digital Video Channel C Green. This signal is multiplexed with EXP_TXP5. SDVOC_BLUE- O PCIE Serial Digital Video Channel C Blue Complement. This signal is multiplexed with EXP_TXN6. SDVOC_BLUE+ O PCIE Serial Digital Video Channel C Blue. This signal is multiplexed with EXP_TXP6. SDVOC_CLK- O PCIE Serial Digital Video Channel C Clock Complement. This signal is multiplexed with EXP_TXN7. SDVOC_CLK+ O PCIE Serial Digital Video Channel C Clock. This signal is multiplexed with EXP_TXP7. SDVO_TVCLKIN- I PCIE Serial Digital Video TVOUT Synchronization Clock Complement. This signal is multiplexed with EXP_RXN0. SDVO_TVCLKIN+ I PCIE Serial Digital Video TVOUT Synchronization Clock. This signal is multiplexed with EXP_RXP0. SDVOB_INT- I PCIE Serial Digital Video Input Interrupt Complement. This signal is multiplexed with EXP_RXN1. SDVOB_INT+ I PCIE Serial Digital Video Input Interrupt. This signal is multiplexed with EXP_RXP1. SDVOC_INT+ I PCIE Serial Digital Video Input Interrupt. This signal is multiplexed with EXP_RXP5. SDVOC_INT- I PCIE Serial Digital Video Input Interrupt Complement. This signal is multiplexed with EXP_RXN5. |