Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

915GL Fiches technique(PDF) 4 Page - Intel Corporation

No de pièce 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Fiches technique(HTML) 4 Page - Intel Corporation

  915GL Datasheet HTML 1Page - Intel Corporation 915GL Datasheet HTML 2Page - Intel Corporation 915GL Datasheet HTML 3Page - Intel Corporation 915GL Datasheet HTML 4Page - Intel Corporation 915GL Datasheet HTML 5Page - Intel Corporation 915GL Datasheet HTML 6Page - Intel Corporation 915GL Datasheet HTML 7Page - Intel Corporation 915GL Datasheet HTML 8Page - Intel Corporation 915GL Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 426 page
background image
R
4
Datasheet
3.4.2
CONFIG_DATA—Configuration Data Register .................................... 64
4
Host Bridge/DRAM Controller Registers (D0:F0) ............................................................. 65
4.1
Host Bridge/DRAM Controller PCI Register Details (D0:F0) ............................... 68
4.1.1
VID—Vendor Identification (D0:F0) ...................................................... 68
4.1.2
DID—Device Identification (D0:F0) ...................................................... 68
4.1.3
PCICMD—PCI Command (D0:F0) ....................................................... 69
4.1.4
PCISTS—PCI Status (D0:F0)............................................................... 70
4.1.5
RID—Revision Identification (D0:F0).................................................... 71
4.1.6
CC—Class Code (D0:F0) ..................................................................... 71
4.1.7
MLT—Master Latency Timer (D0:F0)................................................... 72
4.1.8
HDR—Header Type (D0:F0) ................................................................ 72
4.1.9
SVID—Subsystem Vendor Identification (D0:F0)................................. 72
4.1.10
SID—Subsystem Identification (D0:F0)................................................ 73
4.1.11
CAPPTR—Capabilities Pointer (D0:F0) ............................................... 73
4.1.12
EPBAR—Egress Port Base Address (D0:F0) ...................................... 74
4.1.13
MCHBAR—(G)MCH Memory Mapped Register Range Base Address
(D0:F0).................................................................................................. 75
4.1.14
PCIEXBAR—PCI Express* Register Range Base Address (D0:F0)
(Intel
® 82915G/82915P/82915PL Only)................................................ 76
4.1.15
DMIBAR—Root Complex Register Range Base Address (D0:F0) ...... 77
4.1.16
GGC—GMCH Graphics Control Register (D0:F0)
(82915G/82915GV/82915GL/82910GL GMCH only)........................... 78
4.1.17
DEVEN—Device Enable (D0:F0) ......................................................... 79
4.1.18
PAM0—Programmable Attribute Map 0 (D0:F0) .................................. 81
4.1.19
PAM1—Programmable Attribute Map 1 (D0:F0) .................................. 82
4.1.20
PAM2—Programmable Attribute Map 2 (D0:F0) .................................. 83
4.1.21
PAM3—Programmable Attribute Map 3 (D0:F0) .................................. 84
4.1.22
PAM4—Programmable Attribute Map 4 (D0:F0) .................................. 85
4.1.23
PAM5—Programmable Attribute Map 5 (D0:F0) .................................. 86
4.1.24
PAM6—Programmable Attribute Map 6 (D0:F0) .................................. 87
4.1.25
LAC—Legacy Access Control (D0:F0) ................................................. 88
4.1.26
TOLUD—Top of Low Usable DRAM (D0:F0) ....................................... 89
4.1.27
SMRAM—System Management RAM Control (D0:F0)........................ 90
4.1.28
ESMRAMC—Extended System Management RAM Control (D0:F0) .. 91
4.1.29
ERRSTS—Error Status (D0:F0) ........................................................... 92
4.1.30
ERRCMD—Error Command (D0:F0) ................................................... 93
4.1.31
SKPD—Scratchpad Data (D0:F0) ........................................................ 94
4.1.32
CAPID0—Capability Identifier (D0:F0) ................................................. 94
5
MCHBAR Registers .......................................................................................................... 95
5.1
MCHBAR Register Details ................................................................................... 96
5.1.1
C0DRB0—Channel A DRAM Rank Boundary Address 0 .................... 96
5.1.2
C0DRB1—Channel A DRAM Rank Boundary Address 1 .................... 98
5.1.3
C0DRB2—Channel A DRAM Rank Boundary Address 2 .................... 98
5.1.4
C0DRB3—Channel A DRAM Rank Boundary Address 3 .................... 98
5.1.5
C0DRA0—Channel A DRAM Rank 0,1 Attribute ................................. 99
5.1.6
C0DRA2—Channel A DRAM Rank 2,3 Attribute ................................. 99
5.1.7
C0DCLKDIS—Channel A DRAM Clock Disable ................................ 100
5.1.8
C0BNKARC—Channel A DRAM Bank Architecture .......................... 101
5.1.9
C0DRT1—Channel A DRAM Timing Register ................................... 102
5.1.10
C0DRC0—Channel A DRAM Controller Mode 0 ............................... 104
5.1.11
C1DRB0—Channel B DRAM Rank Boundary Address 0 .................. 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More