Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

915GL Fiches technique(PDF) 20 Page - Intel Corporation

No de pièce 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Fiches technique(HTML) 20 Page - Intel Corporation

Back Button 915GL Datasheet HTML 16Page - Intel Corporation 915GL Datasheet HTML 17Page - Intel Corporation 915GL Datasheet HTML 18Page - Intel Corporation 915GL Datasheet HTML 19Page - Intel Corporation 915GL Datasheet HTML 20Page - Intel Corporation 915GL Datasheet HTML 21Page - Intel Corporation 915GL Datasheet HTML 22Page - Intel Corporation 915GL Datasheet HTML 23Page - Intel Corporation 915GL Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 426 page
background image
Introduction
R
20
Datasheet
Figure 1-3. Intel
® 915GV Express Chipset System Block Diagram Example
Intel® Pentium® 4
Processor or Intel®
Celeron® D Processor
Intel® 82915GV GMCH
DDR or DDR2
DDR or DDR2
DDR or DDR2
DDR or DDR2
Channel A
533/800 MHz
System Bus
Display
DMI Interface
Sys_Blk_GV
Channel B
Intel® 915GV Express Chipset
System Memory
Display
Add2
Card
SDVO
Intel® ICH6
USB 2.0
8 ports, 480 Mb/s
GPIO
4 Serial ATA Ports
150 MB/s
2 ATA 100 Ports
SIO
Flash
BIOS
PCI Bus
Seven PCI Masters
AC '97
3 CODEC support
LPC
Interface
Power Management
Clock Generation
System
Management (TCO)
LAN Connect/ASF
SMBus 2.0/I2C
VGA
Analog
Display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More