Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB90F337 Fiches technique(PDF) 18 Page - fujitsu semiconductor

No de pièce MB90F337
Description  16-bit microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [fujitsu semiconductor]
Site Internet  
Logo FUJITSU - fujitsu semiconductor

MB90F337 Fiches technique(HTML) 18 Page - fujitsu semiconductor

Back Button MB90F337 Datasheet HTML 14Page - fujitsu semiconductor MB90F337 Datasheet HTML 15Page - fujitsu semiconductor MB90F337 Datasheet HTML 16Page - fujitsu semiconductor MB90F337 Datasheet HTML 17Page - fujitsu semiconductor MB90F337 Datasheet HTML 18Page - fujitsu semiconductor MB90F337 Datasheet HTML 19Page - fujitsu semiconductor MB90F337 Datasheet HTML 20Page - fujitsu semiconductor MB90F337 Datasheet HTML 21Page - fujitsu semiconductor MB90F337 Datasheet HTML 22Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
MB90335 Series
18
DS07-13735-6E
(Continued)
Address
Register
abbreviation
Register
Read/
Write
Resource name
Initial Value
0000B0H
ICR00
Interrupt Control Register 00
R/W
Interrupt
Controller
0 0 0 0 0 1 1 1B
0000B1H
ICR01
Interrupt Control Register 01
R/W
0 0 0 0 0 1 1 1B
0000B2H
ICR02
Interrupt Control Register 02
R/W
0 0 0 0 0 1 1 1B
0000B3H
ICR03
Interrupt Control Register 03
R/W
0 0 0 0 0 1 1 1B
0000B4H
ICR04
Interrupt Control Register 04
R/W
0 0 0 0 0 1 1 1B
0000B5H
ICR05
Interrupt Control Register 05
R/W
0 0 0 0 0 1 1 1B
0000B6H
ICR06
Interrupt Control Register 06
R/W
0 0 0 0 0 1 1 1B
0000B7H
ICR07
Interrupt Control Register 07
R/W
0 0 0 0 0 1 1 1B
0000B8H
ICR08
Interrupt Control Register 08
R/W
0 0 0 0 0 1 1 1B
0000B9H
ICR09
Interrupt Control Register 09
R/W
0 0 0 0 0 1 1 1B
0000BAH
ICR10
Interrupt Control Register 10
R/W
0 0 0 0 0 1 1 1B
0000BBH
ICR11
Interrupt Control Register 11
R/W
0 0 0 0 0 1 1 1B
0000BCH
ICR12
Interrupt Control Register 12
R/W
0 0 0 0 0 1 1 1B
0000BDH
ICR13
Interrupt Control Register 13
R/W
0 0 0 0 0 1 1 1B
0000BEH
ICR14
Interrupt Control Register 14
R/W
0 0 0 0 0 1 1 1B
0000BFH
ICR15
Interrupt Control Register 15
R/W
0 0 0 0 0 1 1 1B
0000C0H
HCNT0
Host Control Register 0
R/W
USB HOST
0 0 0 0 0 0 0 0B
0000C1H
HCNT1
Host Control Register 1
R/W
0 0 0 0 0 0 0 1B
0000C2H
HIRQ
Host Interruption Register
R/W
0 0 0 0 0 0 0 0B
0000C3H
HERR
Host Error Status Register
R/W
0 0 0 0 0 0 1 1B
0000C4H
HSTATE
Host State Status Register
R/W
XX 0 1 0 0 1 0B
0000C5H
HFCOMP
SOF Interrupt FRAME Compare Reg-
ister
R/W
0 0 0 0 0 0 0 0B
0000C6H
HRTIMER
Retry Timer Setting Register
R/W
0 0 0 0 0 0 0 0B
0000C7H
R/W
0 0 0 0 0 0 0 0B
0000C8H
R/W
XXXXXX 0 0B
0000C9H
HADR
Host Address Register
R/W
X 0 0 0 0 0 0 0B
0000CAH
HEOF
EOF Setting Register
R/W
0 0 0 0 0 0 0 0B
0000CBH
R/W
XX 0 0 0 0 0 0B
0000CCH
HFRAME
FRAME Setting Register
R/W
0 0 0 0 0 0 0 0B
0000CDH
R/W
XXXXX 0 0 0B
0000CEH
HTOKEN
Host Token End Point Register
R/W
0 0 0 0 0 0 0 0B
0000CFH
Prohibited
0000D0H
UDCC
UDC Control Register
R/W
USB Function
1 0 1 0 0 0 0 0B
0000D1H
R/W
0 0 0 0 0 0 0 0B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com