Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB90F337 Fiches technique(PDF) 36 Page - fujitsu semiconductor

No de pièce MB90F337
Description  16-bit microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [fujitsu semiconductor]
Site Internet  
Logo FUJITSU - fujitsu semiconductor

MB90F337 Fiches technique(HTML) 36 Page - fujitsu semiconductor

Back Button MB90F337 Datasheet HTML 32Page - fujitsu semiconductor MB90F337 Datasheet HTML 33Page - fujitsu semiconductor MB90F337 Datasheet HTML 34Page - fujitsu semiconductor MB90F337 Datasheet HTML 35Page - fujitsu semiconductor MB90F337 Datasheet HTML 36Page - fujitsu semiconductor MB90F337 Datasheet HTML 37Page - fujitsu semiconductor MB90F337 Datasheet HTML 38Page - fujitsu semiconductor MB90F337 Datasheet HTML 39Page - fujitsu semiconductor MB90F337 Datasheet HTML 40Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
MB90335 Series
36
DS07-13735-6E
(4) UART0, UART1 I/O extended serial timing
(VCC
= 3.3 V ± 0.3 V, VSS = 0.0 V, TA = -40 °C to +85 °C)
Notes :
• Above rating is the case of CLK synchronous mode.
• CL is a load capacitance value on pins for testing.
• tCP is the machine cycle period (unit : ns) . Refer to “ (1) Clock input timing”.
Parameter
Symbol
Pin name
Conditions
Value
Unit
Min
Max
Serial clock cycle time
tSCYC
SCKx
Internal shift clock
Mode output pin is
CL
= 80 pF + 1 TTL
8 tCP
⎯
ns
SCK
↓ → SOT delay time
tSLOV
SCKx
SOTx
− 80
+ 80
ns
Valid SIN
→ SCK ↑
tIVSH
SCKx
SINx
100
⎯
ns
SCK
↑ → valid
SIN hold time
tSHIX
SCKx
SINx
60
⎯
ns
Serial clock H pulse width
tSHSL
SCKx, SINx
External shift clock
Mode output pin is
CL
= 80 pF + 1 TTL
4 tCP
⎯
ns
Serial clock L pulse width
tSLSH
SCKx, SINx
4 tCP
⎯
ns
SCK
↓ → SOT delay time
tSLOV
SCKx
SOTx
⎯
150
ns
Valid SIN
→ SCK ↑
tIVSH
SCKx
SINx
60
⎯
ns
SCK
↑ → valid
SIN hold time
tSHIX
SCKx
SINx
60
⎯
ns
• Internal shift clock mode
• External shift clock mode
SCK
SOT
SIN
tSCYC
tSLOV
tIVSH
tSHIX
0.8 V
0.8 V
2.4 V
2.4 V
0.8 V
0.8 VCC
0.2 VCC
0.8 VCC
0.2 VCC
SCK
SOT
SIN
tSLSH
tSHSL
tSLOV
tIVSH
tSHIX
0.2 VCC
0.2 VCC
0.8 VCC
0.8 VCC
2.4 V
0.8 V
0.8 VCC
0.2 VCC
0.8 VCC
0.2 VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com