Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB90F337 Fiches technique(PDF) 35 Page - fujitsu semiconductor

No de pièce MB90F337
Description  16-bit microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [fujitsu semiconductor]
Site Internet  
Logo FUJITSU - fujitsu semiconductor

MB90F337 Fiches technique(HTML) 35 Page - fujitsu semiconductor

Back Button MB90F337 Datasheet HTML 31Page - fujitsu semiconductor MB90F337 Datasheet HTML 32Page - fujitsu semiconductor MB90F337 Datasheet HTML 33Page - fujitsu semiconductor MB90F337 Datasheet HTML 34Page - fujitsu semiconductor MB90F337 Datasheet HTML 35Page - fujitsu semiconductor MB90F337 Datasheet HTML 36Page - fujitsu semiconductor MB90F337 Datasheet HTML 37Page - fujitsu semiconductor MB90F337 Datasheet HTML 38Page - fujitsu semiconductor MB90F337 Datasheet HTML 39Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
MB90335 Series
DS07-13735-6E
35
(3) Power-on reset
(VCC
= 3.3 V ± 0.3 V, VSS = 0.0 V, TA = -40 °C to +85 °C)
Notes :
• VCC must be lower than 0.2 V before the power supply is turned on.
• The above standard is a value for performing a power-on reset.
• In the device, there are internal registers which is initialized only by a power-on reset. When the initialization
of these items is expected, turn on the power supply according to the standards.
Note : Sudden change of power supply voltage may activate the power-on reset function.
When changing the power supply voltage during operation as illustrated below, voltage fluctuation should
be minimized so that the voltage rises as smoothly as possible. When raising the power, do not use PLL
clock. However, if voltage drop is 1 V/s or less, use of PLL clock is allowed during operation.
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Max
Power supply rising time
tR
VCC
⎯
0.05
30
ms
Power supply shutdown time
tOFF
VCC
1
⎯
ms
Waiting time
until power-on
VCC
tR
0.2 V
0.2 V
2.7 V
tOFF
0.2 V
VCC
1.8 V
VSS
RAM data hold
The rising edge should be 50 mV/ms
or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com