Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 342 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 342 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 338Page - Microchip Technology PIC18F4331 Datasheet HTML 339Page - Microchip Technology PIC18F4331 Datasheet HTML 340Page - Microchip Technology PIC18F4331 Datasheet HTML 341Page - Microchip Technology PIC18F4331 Datasheet HTML 342Page - Microchip Technology PIC18F4331 Datasheet HTML 343Page - Microchip Technology PIC18F4331 Datasheet HTML 344Page - Microchip Technology PIC18F4331 Datasheet HTML 345Page - Microchip Technology PIC18F4331 Datasheet HTML 346Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 342
 2010 Microchip Technology Inc.
FIGURE 26-3:
LOW-VOLTAGE DETECT CHARACTERISTICS
VLVD
LVDIF
VDD
(LVDIF set by hardware)
(LVDIF can be
cleared in software)
TABLE 26-2:
LOW-VOLTAGE DETECT CHARACTERISTICS
PIC18LF2331/2431/4331/4431
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
PIC18F2331/2431/4331/4431
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Symbol
Characteristic
Min
Typ†
Max
Units
Conditions
D420A
VLVD
LVD Voltage on VDD Transition High-to-Low
Industrial Low Voltage (-10°C to +85°C)
PIC18LF2X31/4X31 LVDL<3:0> = 0000
N/A
N/A
N/A
V
Reserved
LVDL<3:0> = 0001
N/A
N/A
N/A
V
Reserved
LVDL<3:0> = 0010
2.08
2.26
2.44
V
LVDL<3:0> = 0011
2.26
2.45
2.65
V
LVDL<3:0> = 0100
2.35
2.55
2.76
V
LVDL<3:0> = 0101
2.55
2.77
2.99
V
LVDL<3:0> = 0110
2.64
2.87
3.10
V
LVDL<3:0> = 0111
2.82
3.07
3.31
V
LVDL<3:0> = 1000
3.09
3.36
3.63
V
LVDL<3:0> = 1001
3.29
3.57
3.86
V
LVDL<3:0> = 1010
3.38
3.67
3.96
V
LVDL<3:0> = 1011
3.56
3.87
4.18
V
LVDL<3:0> = 1100
3.75
4.07
4.40
V
LVDL<3:0> = 1101
3.93
4.28
4.62
V
LVDL<3:0> = 1110
4.23
4.60
4.96
V
Legend:
Shading of rows is to assist in readability of the table.
† Production tested at TAMB = 25°C. Specifications over temperature limits ensured by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com