Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 345 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 345 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 341Page - Microchip Technology PIC18F4331 Datasheet HTML 342Page - Microchip Technology PIC18F4331 Datasheet HTML 343Page - Microchip Technology PIC18F4331 Datasheet HTML 344Page - Microchip Technology PIC18F4331 Datasheet HTML 345Page - Microchip Technology PIC18F4331 Datasheet HTML 346Page - Microchip Technology PIC18F4331 Datasheet HTML 347Page - Microchip Technology PIC18F4331 Datasheet HTML 348Page - Microchip Technology PIC18F4331 Datasheet HTML 349Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 345
PIC18F2331/2431/4331/4431
26.4.2
TIMING CONDITIONS
The temperature and voltages specified in Table 26-3
apply to all timing specifications unless otherwise
noted. Figure 26-4 specifies the load conditions for the
timing specifications.
TABLE 26-3:
TEMPERATURE AND VOLTAGE SPECIFICATIONS – AC
FIGURE 26-4:
LOAD CONDITIONS FOR DEVICE TIMING SPECIFICATIONS
Note:
Because of space limitations, the generic
terms “PIC18FXX31” and “PIC18LFXX31”
are used throughout this section to refer to
the
PIC18F2331/2431/4331/4431
and
PIC18LF2331/2431/4331/4431 families of
devices specifically, and only those
devices.
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA +85°C for industrial
-40°C
 TA +125°C for extended
Operating voltage VDD range as described in DC spec Section 26.1 and
Section 26.3
. LF parts operate for industrial temperatures only.
VDD/2
CL
RL
Pin
Pin
VSS
VSS
CL
RL =464
CL = 50 pF
for all pins except OSC2/CLKO
and including D and E outputs as ports
Load Condition 1
Load Condition 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com