Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 339 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 339 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 335Page - Microchip Technology PIC18F4331 Datasheet HTML 336Page - Microchip Technology PIC18F4331 Datasheet HTML 337Page - Microchip Technology PIC18F4331 Datasheet HTML 338Page - Microchip Technology PIC18F4331 Datasheet HTML 339Page - Microchip Technology PIC18F4331 Datasheet HTML 340Page - Microchip Technology PIC18F4331 Datasheet HTML 341Page - Microchip Technology PIC18F4331 Datasheet HTML 342Page - Microchip Technology PIC18F4331 Datasheet HTML 343Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 339
PIC18F2331/2431/4331/4431
26.3
DC Characteristics: PIC18F2331/2431/4331/4431 (Industrial, Extended)
PIC18LF2331/2431/4331/4431 (Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
TA  +85°C for industrial
-40°C
TA  +125°C for extended
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
VIL
Input Low Voltage
I/O Ports:
D030
with TTL Buffer
VSS
0.15 VDD
VVDD < 4.5V
D030A
—
0.8
V
4.5V
 VDD 5.5V
D031
with Schmitt Trigger Buffer
RC3 and RC4
VSS
VSS
0.2 VDD
0.3 VDD
V
VI2C™ enabled
D032
MCLR
VSS
0.2 VDD
V
D032A
OSC1 and T1OSI
VSS
0.3 VDD
V
LP, XT, HS, HSPLL
modes(1)
D033
OSC1
VSS
0.2 VDD
VEC mode(1)
VIH
Input High Voltage
I/O Ports:
D040
with TTL Buffer
0.25 VDD + 0.8V
VDD
VVDD < 4.5V
D040A
2.0
VDD
V4.5V
 VDD 5.5V
D041
with Schmitt Trigger Buffer
RC3 and RC4
0.8 VDD
0.7 VDD
VDD
VDD
V
VI2C™ enabled
D042
MCLR
0.8 VDD
VDD
V
D042A
OSC1 and T1OSI
0.7 VDD
VDD
V
LP, XT, HS, HSPLL
modes(1)
D043
OSC1
0.8 VDD
VDD
VEC mode(1)
IIL
Input Leakage Current(2,3)
D060
I/O Ports
—
+200 nA
AVDD < 5.5V,
VSS
VPIN VDD,
Pin at high-impedance
—
+50 nA
VDD < 3V,
VSS
VPIN VDD,
Pin at high-impedance
D061
MCLR
—
1
AVss VPIN VDD
D063
OSC1
—
1
AVss VPIN VDD
IPU
Weak Pull-up Current
D070
IPURB
PORTB Weak Pull-up Current
50
400
AVDD = 5V, VPIN = VSS
Note 1:
In RC oscillator configuration, the OSC1/CLKI pin is a Schmitt Trigger input. It is not recommended that the
PIC® device be driven with an external clock while in RC mode.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3:
Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com