| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18F4331 Fiches technique(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331 Fiches technique(HTML) 22 Page - Microchip Technology |
|
22 / 392 page ![]() PIC18F2331/2431/4331/4431 DS39616D-page 22 2010 Microchip Technology Inc. PORTC is a bidirectional I/O port. RC0/T1OSO/T1CKI RC0 T1OSO T1CKI 15 32 34 I/O O I ST — ST Digital I/O. Timer1 oscillator output. Timer1 external clock input. RC1/T1OSI/CCP2/ FLTA RC1 T1OSI CCP2 FLTA 16 35 35 I/O I I/O I ST CMOS ST ST Digital I/O. Timer1 oscillator input. Capture 2 input, Compare 2 output, PWM2 output. Fault interrupt input pin. RC2/CCP1/FLTB RC2 CCP1 FLTB 17 36 36 I/O I/O I ST ST ST Digital I/O. Capture 1 input/Compare 1 output/PWM1 output. Fault interrupt input pin. RC3/T0CKI/T5CKI/ INT0 RC3 T0CKI(1) T5CKI(1) INT0 18 37 37 I/O I I I ST ST ST ST Digital I/O. Timer0 alternate clock input. Timer5 alternate clock input. External Interrupt 0. RC4/INT1/SDI/SDA RC4 INT1 SDI(1) SDA(1) 23 42 42 I/O I I I/O ST ST ST I2C Digital I/O. External Interrupt 1. SPI data in. I2C™ data I/O. RC5/INT2/SCK/SCL RC5 INT2 SCK(1) SCL(1) 24 43 43 I/O I I/O I/O ST ST ST I2C Digital I/O. External Interrupt 2. Synchronous serial clock input/output for SPI mode. Synchronous serial clock input/output for I2C mode. RC6/TX/CK/SS RC6 TX CK SS 25 44 44 I/O O I/O I ST — ST ST Digital I/O. EUSART asynchronous transmit. EUSART synchronous clock (see related RX/DT). SPI slave select input. RC7/RX/DT/SDO RC7 RX DT SDO(1) 26 1 1 I/O I I/O O ST ST ST — Digital I/O. EUSART asynchronous receive. EUSART synchronous data (see related TX/CK). SPI data out. TABLE 1-3: PIC18F4331/4431 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description PDIP TQFP QFN Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels I = Input O = Output P = Power Note 1: RC3 is the alternate pin for T0CKI/T5CKI; RC4 is the alternate pin for SDI/SDA; RC5 is the alternate pin for SCK/SCL; RC7 is the alternate pin for SDO. 2: RD4 is the alternate pin for FLTA. 3: RD5 is the alternate pin for PWM4. |