| Moteur de recherche de fiches techniques de composants électroniques |
|
KB8821 Fiches technique(PDF) 11 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
KB8821 Fiches technique(HTML) 11 Page - Samsung semiconductor |
|
11 / 21 page ![]() PRELIMINARY SPECIFICATION (V1.5) FREQUENCY SYNTHESIZER KB8821/22/23 11 99-06-15 FUNCTIONAL DESCRIPTION- Continued Control Bits Programmable Reference Counter(IF / RF R Counter) If the Control Bits are 00(IF) or 01(RF), data is moved from the 20-bit shift register into the R-latch which sets the reference counter. Serial data format is shown in the table below. Division Ratio of the R Counter, R Program Mo des ♦ 15-Bit Programmable Reference Counter Ratio Division ratio : 3 to 32767 Data are shifted in MSB first Control Bits DATA Location C1 C2 0 0 IF R Counter 0 1 RF R Counter 1 0 IF N Counter 1 1 RF N Counter C1 C2 R 1 R 2 R 3 R 4 R 5 R 6 R 7 R 8 R 9 R 10 R 11 R 12 R 13 R 14 R 15 R 16 R 17 R 18 R 19 R 20 Division Ratio R 15 R 14 R 13 R 12 R 11 R 10 R 9 R 8 R 7 R 6 R 5 R 4 R 3 R 2 R 1 3 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 4 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 • • • • • • • • • • • • • • • • 32767 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Control Bits LSB MSB |