| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F616-H/ST Fiches technique(PDF) 71 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F616-H/ST Fiches technique(HTML) 71 Page - Microchip Technology |
|
71 / 214 page ![]() © 2009 Microchip Technology Inc. DS41288F-page 71 PIC16F610/616/16HV610/616 8.11.5 FIXED VOLTAGE REFERENCE The fixed voltage reference is independent of VDD, with a nominal output voltage of 0.6V. This reference can be enabled by setting the FVREN bit of the VRCON register to ‘1’. This reference is always enabled when the HFINTOSC oscillator is active. 8.11.6 FIXED VOLTAGE REFERENCE STABILIZATION PERIOD When the fixed voltage reference module is enabled, it will require some time for the reference and its amplifier circuits to stabilize. The user program must include a small delay routine to allow the module to settle. See the electrical specifications section for the minimum delay requirement. 8.11.7 VOLTAGE REFERENCE SELECTION Multiplexers on the output of the voltage reference module enable selection of either the CVREF or fixed voltage reference for use by the comparators. Setting the C1VREN bit of the VRCON register enables current to flow in the CVREF voltage divider and selects the CVREF voltage for use by C1. Clearing the C1VREN bit selects the fixed voltage for use by C1. Setting the C2VREN bit of the VRCON register enables current to flow in the CVREF voltage divider and selects the CVREF voltage for use by C2. Clearing the C2VREN bit selects the fixed voltage for use by C2. When both the C1VREN and C2VREN bits are cleared, current flow in the CVREF voltage divider is disabled minimizing the power drain of the voltage reference peripheral. FIGURE 8-9: COMPARATOR VOLTAGE REFERENCE BLOCK DIAGRAM VRR 8R VR<3:0>(1) Analog 8R RR RR 16 Stages VDD MUX Fixed Voltage C2VREN C1VREN CVREF Reference EN FVREN 0.6V Fixed Ref To Comparators and ADC Module To Comparators and ADC Module Note 1: Care should be taken to ensure VREF remains within the comparator common mode input range. See Section 15.0 “Electrical Specifications” for more detail. 4 15 0 1.2V To ADC Module |