Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F616-H/ST Fiches technique(PDF) 43 Page - Microchip Technology

No de pièce PIC16F616-H/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-H/ST Fiches technique(HTML) 43 Page - Microchip Technology

Back Button PIC16F616-H/ST Datasheet HTML 39Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 40Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 41Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 42Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 43Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 44Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 45Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 46Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 214 page
background image
© 2009 Microchip Technology Inc.
DS41288F-page 43
PIC16F610/616/16HV610/616
4.3.1
RC0/AN4(1)/C2IN+
The RC0 is configurable to function as one of the
following:
• a general purpose I/O
• an analog input for the ADC
(1)
• an analog non-inverting input to Comparator C2
4.3.2
RC1/AN5(1)/C12IN1-
The RC1 is configurable to function as one of the
following:
• a general purpose I/O
• an analog input for the ADC
(1)
• an analog inverting input to the comparator
FIGURE 4-6:
BLOCK DIAGRAM OF RC0
AND RC1
4.3.3
RC2/AN6(1)/C12IN2-/P1D(1)
The RC2 is configurable to function as one of the
following:
• a general purpose I/O
• an analog input for the ADC
(1)
• an analog input to Comparators C1 and C2
• a digital output from the Enhanced CCP
(1)
4.3.4
RC3/AN7(1)/C12IN3-/P1C(1)
The RC3 is configurable to function as one of the
following:
• a general purpose I/O
• an analog input for the ADC
(1)
• an analog inverting input to Comparators C1 and
C2
• a digital output from the Enhanced CCP
(1)
FIGURE 4-7:
BLOCK DIAGRAM OF RC2
AND RC3
Note 1: PIC16F616/16HV616 only.
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data Bus
WR
PORTC
WR
TRISC
RD
TRISC
To A/D Converter
RD
PORTC
Analog Input
Mode(1)
To Comparators
Note
1:
Analog Input mode comes from ANSEL or
Comparator mode.
Note 1: PIC16F616/16HV616 only.
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data Bus
WR
PORTC
WR
TRISC
RD
TRISC
To A/D Converter
RD
PORTC
Analog Input
Mode(1)
0
1
CCPOUT
CCPOUT(2)
Enable
Note
1:
Analog Input mode comes from ANSEL.
2:
PIC16F616/16HV616 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More