Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F616-H/ST Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce PIC16F616-H/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-H/ST Fiches technique(HTML) 5 Page - Microchip Technology

  PIC16F616-H/ST Datasheet HTML 1Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 2Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 3Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 4Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 5Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 6Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 7Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 8Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 214 page
background image
© 2009 Microchip Technology Inc.
DS41288F-page 5
PIC16F610/616/16HV610/616
PIC16F616/16HV616 14-Pin Diagram (PDIP, SOIC, TSSOP)
TABLE 2:
PIC16F616/16HV616
14-PIN SUMMARY
I/O
Pin
Analog
Comparators
Timer
CCP
Interrupts
Pull-ups
Basic
RA0
13
AN0
C1IN+
—
—
IOC
Y
ICSPDAT
RA1
12
AN1/VREF
C12IN0-
—
—
IOC
Y
ICSPCLK
RA2
11
AN2
C1OUT
T0CKI
—
INT/IOC
Y
—
RA3(1)
4—
—
—
—
IOC
Y(2)
MCLR/VPP
RA4
3
AN3
—
T1G
—
IOC
Y
OSC2/CLKOUT
RA5
2
—
—
T1CKI
—
IOC
Y
OSC1/CLKIN
RC0
10
AN4
C2IN+
—
—
—
—
—
RC1
9
AN5
C12IN1-
—
—
—
—
—
RC2
8
AN6
C12IN2-
—
P1D
—
—
—
RC3
7
AN7
C12IN3-
—
P1C
—
—
—
RC4
6
—
C2OUT
—
P1B
—
—
—
RC5
5
—
—
—
CCP1/P1A
—
—
—
—
1
—
—
—
—
—
—
VDD
—14
—
—
—
—
—
—
VSS
Note 1:
Input only.
2:
Only when pin is configured for external MCLR.
VDD
RA5/T1CKI/OSC1/CLKIN
RA4/AN3/T1G/OSC2/CLKOUT
RA3/MCLR/VPP
RC5/CCP1/P1A
RC4/C2OUT/P1B
RC3/AN7/C12IN3-/P1C
VSS
RA0/AN0/C1IN+/ICSPDAT
RA1/AN1/C12IN0-/VREF/ICSPCLK
RA2/AN2/T0CKI/INT/C1OUT
RC0/AN4/C2IN+
RC1/AN5/C12IN1-
RC2/AN6/C12IN2-/P1D
1
2
3
4
5
6
7
14
13
12
9
11
10
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More