Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS12 Fiches technique(PDF) 147 Page - Freescale Semiconductor, Inc

No de pièce HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Fiches technique(HTML) 147 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 143Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 144Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 145Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 146Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 147Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 148Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 149Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 150Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 151Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
147
Operation:
0
⇒ I bit
Description:
Clears the I mask bit. This instruction is assembled as ANDCC #$EF. The
ANDCC instruction can be used to clear any combination of bits in the CCR
in one operation.
When the I bit is cleared, interrupts are enabled. There is a 1-cycle (bus
clock) delay in the clearing mechanism for the I bit so that, if interrupts were
previously disabled, the next instruction after a CLI will always be executed,
even if there was an interrupt pending prior to execution of the CLI
instruction.
CLI
Clear Interrupt Mask
CLI
CCR Details:
S
X
HIN
Z
V
C
–––
0
––––
I:
0; cleared
Source Form
Address
Mode
Object Code
Access Detail
HCS12
M68HC12
CLI
translates to... ANDCC #$EF
IMM
10 EF
P
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More