| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS12 Fiches technique(PDF) 146 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 Fiches technique(HTML) 146 Page - Freescale Semiconductor, Inc |
|
146 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 146 Freescale Semiconductor Operation: 0 ⇒ C bit Description: Clears the C status bit. This instruction is assembled as ANDCC #$FE. The ANDCC instruction can be used to clear any combination of bits in the CCR in one operation. CLC can be used to set up the C bit prior to a shift or rotate instruction involving the C bit. CLC Clear Carry CLC CCR Details: S X HIN Z V C ––––––– 0 C: 0; cleared Source Form Address Mode Object Code Access Detail HCS12 M68HC12 CLC translates to... ANDCC #$FE IMM 10 FE P P |