| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS12 Fiches technique(PDF) 63 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 Fiches technique(HTML) 63 Page - Freescale Semiconductor, Inc |
|
63 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 63 5.10 Boolean Logic Instructions The Boolean logic instructions perform a logic operation between an 8-bit accumulator or the CCR and a memory value. AND, OR, and exclusive OR functions are supported. Table 5-8 summarizes logic instructions. 5.11 Clear, Complement, and Negate Instructions Each of the clear, complement, and negate instructions performs a specific binary operation on a value in an accumulator or in memory. Clear operations clear the value to 0, complement operations replace the value with its one’s complement, and negate operations replace the value with its two’s complement. Table 5-9 is a summary of clear, complement, and negate instructions. Table 5-8. Boolean Logic Instructions Mnemonic Function Operation ANDA AND A with memory (A) • (M) ⇒ A ANDB AND B with memory (B) • (M) ⇒ B ANDCC AND CCR with memory (clear CCR bits) (CCR) • (M) ⇒ CCR EORA Exclusive OR A with memory (A) ⊕ (M) ⇒ A EORB Exclusive OR B with memory (B) ⊕ (M) ⇒ B ORAA OR A with memory (A) + (M) ⇒ A ORAB OR B with memory (B) + (M) ⇒ B ORCC OR CCR with memory (set CCR bits) (CCR) + (M) ⇒ CCR Table 5-9. Clear, Complement, and Negate Instructions Mnemonic Function Operation CLC Clear C bit in CCR 0 ⇒ C CLI Clear I bit in CCR 0 ⇒ I CLR Clear memory $00 ⇒ M CLRA Clear A $00 ⇒ A CLRB Clear B $00 ⇒ B CLV Clear V bit in CCR 0 ⇒ V COM One’s complement memory $FF – (M) ⇒ M or (M) ⇒ M COMA One’s complement A $FF – (A) ⇒ A or (A) ⇒ A COMB One’s complement B $FF – (B) ⇒ B or (B) ⇒ B NEG Two’s complement memory $00 – (M) ⇒ M or (M) + 1 ⇒ M NEGA Two’s complement A $00 – (A) ⇒ A or (A) + 1 ⇒ A NEGB Two’s complement B $00 – (B) ⇒ B or (B) + 1 ⇒ B |