| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS12 Fiches technique(PDF) 115 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 Fiches technique(HTML) 115 Page - Freescale Semiconductor, Inc |
|
115 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 115 Operation: Description: Shifts all bits of memory location M one place to the right. Bit 7 is held constant. Bit 0 is loaded into the C status bit. This operation effectively divides a two’s complement value by two without changing its sign. The carry bit can be used to round the result. ASR Arithmetic Shift Right Memory ASR C b7 – – – – – – b0 CCR Details: S X HIN Z V C –––– ∆∆∆∆ N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: N ⊕ C = [N • C] + [N • C] (for N and C after the shift) Set if (N is set and C is cleared) or (N is cleared and C is set); cleared otherwise (for values of N and C after the shift) C: M0 Set if the LSB of M was set before the shift; cleared otherwise Source Form Address Mode Object Code Access Detail HCS12 M68HC12 ASR opr16a ASR oprx0_xysp ASR oprx9,xysp ASR oprx16,xysp ASR [D,xysp] ASR [oprx16,xysp] EXT IDX IDX1 IDX2 [D,IDX] [IDX2] 77 hh ll 67 xb 67 xb ff 67 xb ee ff 67 xb 67 xb ee ff rPwO rPw rPwO frPwP fIfrPw fIPrPw rOPw rPw rPOw frPPw fIfrPw fIPrPw |