| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS12 Fiches technique(PDF) 224 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 Fiches technique(HTML) 224 Page - Freescale Semiconductor, Inc |
|
224 / 452 page ![]() Instruction Glossary S12CPUV2 Reference Manual, Rev. 4.0 224 Freescale Semiconductor Operation: Description: Shifts all bits of accumulator A one place to the left. Bit 0 is loaded with 0. The C status bit is loaded from the most significant bit of A. LSLA Logical Shift Left A (Same as ASLA) LSLA C b7 – – – – – – b0 0 CCR Details: S X HIN Z V C –––– ∆∆∆∆ N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: N ⊕ C = [N • C] + [N • C] (for N and C after the shift) Set if (N is set and C is cleared) or (N is cleared and C is set); cleared otherwise (for values of N and C after the shift) C: A7 Set if the LSB of A was set before the shift; cleared otherwise Source Form Address Mode Object Code Access Detail HCS12 M68HC12 LSLA INH 48 O O |