| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS12 Fiches technique(PDF) 223 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 Fiches technique(HTML) 223 Page - Freescale Semiconductor, Inc |
|
223 / 452 page ![]() Glossary S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 223 Operation: Description: Shifts all bits of the memory location M one place to the left. Bit 0 is loaded with 0. The C status bit is loaded from the most significant bit of M. LSL Logical Shift Left Memory (Same as ASL) LSL C b7 – – – – – – b0 0 CCR Details: S X HIN Z V C –––– ∆∆∆∆ N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: N ⊕ C = [N • C] + [N • C] (for N and C after the shift) Set if (N is set and C is cleared) or (N is cleared and C is set); cleared otherwise (for values of N and C after the shift) C: M7 Set if the LSB of M was set before the shift; cleared otherwise Source Form Address Mode Object Code Access Detail HCS12 M68HC12 LSL opr16a LSL oprx0_xysp LSL oprx9,xysp LSL oprx16,xysp LSL [D,xysp] LSL [oprx16,xysp] EXT IDX IDX1 IDX2 [D,IDX] [IDX2] 78 hh ll 68 xb 68 xb ff 68 xb ee ff 68 xb 68 xb ee ff rPwO rPw rPwO frPwP fIfrPw fIPrPw rOPw rPw rPOw frPPw fIfrPw fIPrPw |