Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM351-RTR Fiches technique(PDF) 227 Page - List of Unclassifed Manufacturers

No de pièce EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Fiches technique(HTML) 227 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 223Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 224Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 225Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 226Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 227Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 228Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 229Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 230Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 231Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 240 page
background image
EM351 / EM357
21 Ordering Information
Use the following part numbers to order the EM357:
EM357-RTR
Reel contains 2000 units / reel
EM357-RTB
Tube contains 70 units / tube
Use the following part numbers to order the EM351:
EM351-RTR
Reel contains 2000 units / reel
EM351-RTB
Tube contains 70 units / tube
The EM300 Series package is RoHS-compliant. It conforms to the European Court of Justice decision regarding
the Deca-BDE exemption of the RoHS Directive. It is PFOS-compliant in accordance with European Directive
2006/122/EC*1 released in December 2006. The EM357-RTR and EM351-RTR reel conforms to EIA Specification
481.
To order parts, contact Ember at +1-617-951-0200, or send your inquiry by email to sales@ember.com. Details
about our international distributors can be found on our Web site: www.ember.com.
Table 21-1 describes the general tape and reel dimensions.
Table 21-1. Tape and Reel Dimensions
Package
Tape Width
Component Pitch
Hole Pitch
Reel Diameter
Units per Reel
QFN48
16mm
12mm
4mm
13”
2000
Figure 21-1describes the tape, pocket, and sprocket dimensions in more detail.
21-1
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More