Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM351-RTR Fiches technique(PDF) 226 Page - List of Unclassifed Manufacturers

No de pièce EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Fiches technique(HTML) 226 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 222Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 223Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 224Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 225Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 226Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 227Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 228Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 229Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 230Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 240 page
background image
EM351 / EM357
20 Part Marking
Figure 20-1 shows the part marking for the EM300 Series. The circle in the top corner indicates Pin 1. Pins are
numbered counter-clockwise from Pin 1 with 12 pins per package edge.
Figure 20-1. Part Marking for EM357
ZZZZZZ.ZZ
YYWW M
where:
ZZZZZZ.ZZ defines the production lot code.
YYWW defines the year and week assembled.
M defines the package assembly location (if there is no letter on the package, then the package was
assembled in South Wales)
o
W indicates South Wales
o
C indicates China
20-1
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More