Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM351-RTR Fiches technique(PDF) 60 Page - List of Unclassifed Manufacturers

No de pièce EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Fiches technique(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 56Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 57Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 58Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 59Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 60Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 61Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 62Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 63Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 240 page
background image
EM351 / EM357
GPIO_PxCFGH
GPIO_PACFGH
Port A Configuration Register (High)
Address: 0x4000B004 Reset: 0x4444
GPIO_PBCFGH
Port B Configuration Register (High)
Address: 0x4000B404 Reset: 0x4444
GPIO_PCCFGH
Port C Configuration Register (High)
Address: 0x4000B804 Reset: 0x4444
Substitute A, B, or C for x in the following detail description.
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
Px7_CFG
Px6_CFG
7
6
5
4
3
2
1
0
Px5_CFG
Px4_CFG
Bitname
Bitfield
Access
Description
Px7_CFG
[15:12]
RW
GPIO configuration control.
0x0: Analog, input or output (GPIO_PxIN always reads 1).
0x1: Output, push-pull (GPIO_PxOUT controls the output).
0x4: Input, floating.
0x5: Output, open-drain (GPIO_PxOUT controls the output).
0x8: Input, pulled up or down (selected by GPIO_PxOUT: 0 = pull-down, 1 = pull-up).
0x9: Alternate output, push-pull (peripheral controls the output).
0xD: Alternate output, open-drain (peripheral controls the output).
Px6_CFG
[11:8]
RW
GPIO configuration control: see Px7_CFG above.
Px5_CFG
[7:4]
RW
GPIO configuration control: see Px7_CFG above.
Px4_CFG
[3:0]
RW
GPIO configuration control: see Px7_CFG above.
7-11
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More