Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM351-RTR Fiches technique(PDF) 68 Page - List of Unclassifed Manufacturers

No de pièce EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Fiches technique(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 64Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 65Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 66Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 67Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 68Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 69Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 70Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 71Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 72Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 240 page
background image
EM351 / EM357
GPIO_INTCFGx
GPIO_INTCFGA
GPIO Interrupt A Configuration Register
Address: 0x4000A860 Reset: 0x0
GPIO_INTCFGB
GPIO Interrupt B Configuration Register
Address: 0x4000A864 Reset: 0x0
GPIO_INTCFGC
GPIO Interrupt C Configuration Register
Address: 0x4000A868 Reset: 0x0
GPIO_INTCFGD
GPIO Interrupt D Configuration Register
Address: 0x4000A86C Reset: 0x0
Substitute A, B, C, or D for x in the following detail description.
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
GPIO_INTFILT
7
6
5
4
3
2
1
0
GPIO_INTMOD
0
0
0
0
0
Bitname
Bitfield
Access
Description
GPIO_INTFILT
[8]
RW
Set this bit to enable digital filtering on IRQx.
GPIO_INTMOD
[7:5]
RW
IRQx triggering mode.
0x0: Disabled.
0x1: Rising edge triggered.
0x2: Falling edge triggered.
0x3: Rising and falling edge triggered.
0x4: Active high level triggered.
0x5: Active low level triggered.
0x6, 0x7: Reserved.
7-19
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More