Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F722-E/P Fiches technique(PDF) 9 Page - Microchip Technology

No de pièce PIC16F722-E/P
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/P Fiches technique(HTML) 9 Page - Microchip Technology

Back Button PIC16F722-E/P Datasheet HTML 5Page - Microchip Technology PIC16F722-E/P Datasheet HTML 6Page - Microchip Technology PIC16F722-E/P Datasheet HTML 7Page - Microchip Technology PIC16F722-E/P Datasheet HTML 8Page - Microchip Technology PIC16F722-E/P Datasheet HTML 9Page - Microchip Technology PIC16F722-E/P Datasheet HTML 10Page - Microchip Technology PIC16F722-E/P Datasheet HTML 11Page - Microchip Technology PIC16F722-E/P Datasheet HTML 12Page - Microchip Technology PIC16F722-E/P Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 9
PIC16F72X/PIC16LF72X
Pin Diagrams – 44-PIN QFN (PIC16F724/727/PIC16LF724/727)
10
11
2
3
4
5
6
1
8
7
29
30
31
32
33
23
24
25
26
27
28
9
RA6/OSC2/CLKOUT/VCAP(3)
RA7/OSC1/CLKIN
VSS
VSS
NC
VDD
RE2/AN7
RE1/AN6
RE0/AN5
RA5/AN4/CPS7/SS(2)/VCAP(3)
RA4/CPS6/T0CKI
DT/RX/RC7
CPS12/RD4
CPS13/RD5
CPS14/RD6
CPS15/RD7
VSS
VDD
VDD
INT/CPS0/AN12/RB0
CPS1/AN10/RB1
CPS2/AN8/RB2
PIC16F724/727/
PIC16LF724/727
Note 1: CCP2 pin location may be selected as RB3 or RC1.
2: SS pin location may be selected as RA5 or RA0.
3: PIC16F724/727 devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More