Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F722-E/P Fiches technique(PDF) 87 Page - Microchip Technology

No de pièce PIC16F722-E/P
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/P Fiches technique(HTML) 87 Page - Microchip Technology

Back Button PIC16F722-E/P Datasheet HTML 83Page - Microchip Technology PIC16F722-E/P Datasheet HTML 84Page - Microchip Technology PIC16F722-E/P Datasheet HTML 85Page - Microchip Technology PIC16F722-E/P Datasheet HTML 86Page - Microchip Technology PIC16F722-E/P Datasheet HTML 87Page - Microchip Technology PIC16F722-E/P Datasheet HTML 88Page - Microchip Technology PIC16F722-E/P Datasheet HTML 89Page - Microchip Technology PIC16F722-E/P Datasheet HTML 90Page - Microchip Technology PIC16F722-E/P Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 87
PIC16F72X/PIC16LF72X
6.6.1
RE0/AN5(1)
Figure 6-22 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
6.6.2
RE1/AN6(1)
Figure 6-22 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
6.6.3
RE2/AN7(1)
Figure 6-22 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
6.6.4
RE3/MCLR/VPP
Figure 6-23 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose input
• as Master Clear Reset with weak pull-up
• a programming voltage reference input
Note 1: RE0/AN5
is
available
on
PIC16F724/LF724 and PIC16F727/LF727
only.
Note 1: RE1/AN6
is
available
on
PIC16F724/LF724 and PIC16F727/LF727
only.
Note 1: RE2/AN7
is
available
on
PIC16F724/LF724 and PIC16F727/LF727
only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More